| Electronic Components Datasheet Search |
|
TMS320DM335 Datasheet(PDF) 81 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM335 Datasheet(HTML) 81 Page - Texas Instruments |
|
81 / 156 page ![]() 3.9.2 Software Controlled Pin Multiplexing 3.10 Device Reset TMS320DM335 Digital Media System-on-Chip (DMSoC) www.ti.com SPRS528 – JULY 2008 Table 3-17. AECFG (Async EMIF Configuration) Pin Mux Coding 1101(NAND) 1100 1010 1000 (8-bit SRAM) 0010 (16-bit SRAM, 0000 OneNAND) GPIO[54] GPIO[54] EM_A[14] EM_BA[0] EM_A[14] EM_BA[0] GPIO[55] EM_BA[1] EM_BA[1] EM_BA[1] EM_BA[1] EM_BA[1] GPIO[56] EM_A[0] EM_A[0] EM_A[0] EM_A[0] EM_A[0] EM_A[1] EM_A[1] EM_A[1] EM_A[1] EM_A[1] EM_A[1] EM_A[2] EM_A[2] EM_A[2] EM_A[2] EM_A[2] EM_A[2] GPIO[57] EM_A[3] EM_A[3] EM_A[3] EM_A[3] EM_A[3] GPIO[58] EM_A[4] EM_A[4] EM_A[4] EM_A[4] EM_A[4] GPIO[59] EM_A[5] EM_A[5] EM_A[5] EM_A[5] EM_A[5] GPIO[60] EM_A[6] EM_A[6] EM_A[6] EM_A[6] EM_A[6] GPIO[61] EM_A[7] EM_A[7] EM_A[7] EM_A[7] EM_A[7] GPIO[62] EM_A[8] EM_A[8] EM_A[8] EM_A[8] EM_A[8] GPIO[63] EM_A[9] EM_A[9] EM_A[9] EM_A[9] EM_A[9] GPIO[64] EM_A[10] EM_A[10] EM_A[10] EM_A[10] EM_A[10] GPIO[65] EM_A[11] EM_A[11] EM_A[11] EM_A[11] EM_A[11] GPIO[66] EM_A[12] EM_A[12] EM_A[12] EM_A[12] EM_A[12] GPIO[67] EM_A[13] EM_A[13] EM_A[13] EM_A[13] EM_A[13] GPIO[46] GPIO[46] GPIO[46] GPIO[46] EM_D[8] EM_D[8] GPIO[47] GPIO[47] GPIO[47] GPIO[47] EM_D[9] EM_D[9] GPIO[48] GPIO[48] GPIO[48] GPIO[48] EM_D[10] EM_D[10] GPIO[49] GPIO[49] GPIO[49] GPIO[49] EM_D[11] EM_D[11] GPIO[50] GPIO[50] GPIO[50] GPIO[50] EM_D[12] EM_D[12] GPIO[51] GPIO[51] GPIO[51] GPIO[51] EM_D[13] EM_D[13] GPIO[52] GPIO[52] GPIO[52] GPIO[52] EM_D[14] EM_D[14] GPIO[53] GPIO[53] GPIO[53] GPIO[53] EM_D[15] EM_D[15] All pin multiplexing options are configurable by software via pin mux registers that reside in the System Control Module. The PinMux0 Register controls the Video In muxing, PinMux1 register controls Video Out signals, PinMux2 register controls AEMIF signals, PinMux3 registers control the multiplexing of the GIO signals, the PinMux4 register controls the SPI and MMC/SD0 signals. Refer to the TMS320DM335 Digital Media System-on-Chip (DMSoC) ARM Subsystem Reference Guide (literature number SPRUFX7) for complete descriptions of the pin mux registers. There are five types of reset in DM335. The types of reset differ by how they are initiated and/or by their effect on the chip. Each type is briefly described in Table 3-18 and further described in the TMS320DM335 Digital Media System-on-Chip (DMSoC) ARM Subsystem Reference Guide (literature number SPRUFX7). Table 3-18. Reset Types Type Initiator Effect POR (Power-On-Reset) RESET pin low and TRST low Total reset of the chip (cold reset). Resets all modules including memory and emulation. Warm Reset RESET pin low and TRST high (initiated by ARM Resets all modules including memory, except ARM emulator). emulation. Max Reset ARM emulator or Watchdog Timer (WDT). Same effect as warm reset. Submit Documentation Feedback Detailed Device Description 81 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |