| Electronic Components Datasheet Search |
|
TMS320DM335 Datasheet(PDF) 108 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM335 Datasheet(HTML) 108 Page - Texas Instruments |
|
108 / 156 page ![]() 5.7 External Memory Interface (EMIF) 5.7.1 Asynchronous EMIF (AEMIF) 5.7.1.1 NAND (NAND, SmartMedia, xD) 5.7.1.2 OneNAND TMS320DM335 Digital Media System-on-Chip (DMSoC) SPRS528 – JULY 2008 www.ti.com DM335 supports several memory and external device interfaces, including: • Asynchronous EMIF (AEMIF) for interfacing to SRAM. – OneNAND flash memories – NAND flash memories • DDR2/mDDR Memory Controller for interfacing to SDRAM. The EMIF supports the following features: • SRAM, etc. on up to 2 asynchronous chip selects addressable up to 64KB each • Supports 8-bit or 16-bit data bus widths • Programmable asynchronous cycle timings • Supports extended wait mode • Supports Select Strobe mode The NAND features of the EMIF are as follows: • NAND flash on up to 2 asynchronous chip selects • 8 and 16-bit data bus widths • Programmable cycle timings • Performs 1-bit and 4-bit ECC calculation • NAND Mode also supports SmartMedia/SSFDC (Solid State Floppy Disk Controller) and xD memory cards The OneNAND features supported are as follows. • NAND flash on up to 2 asynchronous chip selects • Only 16-bit data bus widths • Supports asynchronous writes and reads • Supports synchronous reads with continuous linear burst mode (Does not support synchronous reads with wrap burst modes) • Programmable cycle timings for each chip select in asynchronous mode DM335 Peripheral Information and Electrical Specifications 108 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |