Electronic Components Datasheet Search
  English  ▼

X  

OMAP3530 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530
Description  Applications Processor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP3530 Datasheet(HTML) 33 Page - Texas Instruments

Back Button OMAP3530 Datasheet HTML 29Page - Texas Instruments OMAP3530 Datasheet HTML 30Page - Texas Instruments OMAP3530 Datasheet HTML 31Page - Texas Instruments OMAP3530 Datasheet HTML 32Page - Texas Instruments OMAP3530 Datasheet HTML 33Page - Texas Instruments OMAP3530 Datasheet HTML 34Page - Texas Instruments OMAP3530 Datasheet HTML 35Page - Texas Instruments OMAP3530 Datasheet HTML 36Page - Texas Instruments OMAP3530 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 264 page
background image
OMAP3530/25 Applications Processor
www.ti.com
SPRS507B – FEBRUARY 2008 – REVISED JULY 2008
Table 2-2. Ball Characteristics (CBC Pkg.)
BALL
BALL
PIN
MODE
TYPE
BALL
BALL
RESET
POWER
HYS
BUFFER
PULLUP
IO
BOTTOM
TOP
NAME
[5]
[6]
RESET
RESET
REL.
[10]
[11]
STRENG
/DOWN
CELL
[1]
[2]
[4]
STATE
REL.
MODE
TH
TYPE
[14]
[7]
STATE
[9]
(mA)
[13]
[8]
[12]
AE16
-
cam_d0
0
I
L
L
7
-
Yes
4
PU100/
LVDS/
PD100
CMOS
-
2
IDS
gpio_99
4
I
safe_mode
7
-
AE15
-
cam_d1
0
I
L
L
7
-
Yes
4
PU100/
LVDS/
PD100
CMOS
-
2
IDS
gpio_100
4
I
safe_mode
7
-
AD17
-
-
0
IDS
L
L
7
-
Yes
4
PU100/
LVDS/
PD100
CMOS
gpio_112
4
I
safe_mode
7
-
AE18
-
-
0
IDS
L
L
7
-
Yes
4
PU100/
LVDS/
PD100
CMOS
gpio_114
4
I
safe_mode
7
-
AD16
-
-
0
IDS
L
L
7
-
Yes
4
PU100/
LVDS/
PD100
CMOS
gpio_113
4
I
safe_mode
7
-
AE17
-
-
0
IDS
L
L
7
-
Yes
4
PU100/
LVDS/
PD100
CMOS
gpio_115
4
I
safe_mode
7
-
-
G20
sdrc_a0
0
O
0
0
0
vdds_io
No
4
(1)
NA
LVDS/
CMOS
-
K20
sdrc_a1
0
O
0
0
0
vdds_io
No
4
(1)
NA
LVDS/
CMOS
-
J20
sdrc_a2
0
O
0
0
0
vdds_io
No
4
(1)
NA
LVDS/
CMOS
-
J21
sdrc_a3
0
O
0
0
0
vdds_io
No
4
(1)
NA
LVDS/
CMOS
-
U21
sdrc_a4
0
O
0
0
0
vdds_io
No
4
(1)
NA
LVDS/
CMOS
-
R20
sdrc_a5
0
O
0
0
0
vdds_io
No
4
(1)
NA
LVDS/
CMOS
-
M21
sdrc_a6
0
O
0
0
0
vdds_io
No
4
(1)
NA
LVDS/
CMOS
-
M20
sdrc_a7
0
O
0
0
0
vdds_io
No
4
(1)
NA
LVDS/
CMOS
-
N20
sdrc_a8
0
O
0
0
0
vdds_io
No
4
(1)
NA
LVDS/
CMOS
-
K21
sdrc_a9
0
O
0
0
0
vdds_io
No
4
(1)
NA
LVDS/
CMOS
-
Y16
sdrc_a10
0
O
0
0
0
vdds_io
No
4
(1)
NA
LVDS/
CMOS
-
N21
sdrc_a11
0
O
0
0
0
vdds_io
No
4
(1)
NA
LVDS/
CMOS
-
R21
sdrc_a12
0
O
0
0
0
vdds_io
No
4
(1)
NA
LVDS/
CMOS
-
AA15
sdrc_a13
0
O
0
0
0
vdds_io
No
4
(1)
NA
LVDS/
CMOS
-
Y12
sdrc_a14
0
O
0
0
0
vdds_io
No
4
(1)
NA
LVDS/
CMOS
-
AA18
sdrc_ba0
0
O
0
0
0
vdds_io
No
4
(1)
NA
LVDS/
CMOS
-
V20
sdrc_ba1
0
O
0
0
0
vdds_io
No
4
(1)
NA
LVDS/
CMOS
-
Y15
sdrc_cke0
0
O
H
1
7
vdds_io
Yes
4
(1)
PU100/
LVDS/
PD100
CMOS
safe_mode
7
-
Y13
sdrc_cke1
0
O
H
1
7
vdds_io
Yes
4
(1)
PU100/
LVDS/
PD100
CMOS
safe_mode
7
(1)
The drive strength is programmable vs the capacity load: load range = [2 pF to 6 pF] per default or [6 pF to 12 pF] according to the
selected mode.
Submit Documentation Feedback
TERMINAL DESCRIPTION
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com