Electronic Components Datasheet Search
  English  ▼

X  

OMAP3530 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530
Description  Applications Processor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP3530 Datasheet(HTML) 1 Page - Texas Instruments

  OMAP3530 Datasheet HTML 1Page - Texas Instruments OMAP3530 Datasheet HTML 2Page - Texas Instruments OMAP3530 Datasheet HTML 3Page - Texas Instruments OMAP3530 Datasheet HTML 4Page - Texas Instruments OMAP3530 Datasheet HTML 5Page - Texas Instruments OMAP3530 Datasheet HTML 6Page - Texas Instruments OMAP3530 Datasheet HTML 7Page - Texas Instruments OMAP3530 Datasheet HTML 8Page - Texas Instruments OMAP3530 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 264 page
background image
1
OMAP3530/25 Applications Processor
1.1 Features
OMAP3530/25 Applications Processor
www.ti.com
SPRS507B – FEBRUARY 2008 – REVISED JULY 2008
• Protected Mode Operation
• OMAP3530/25 Applications Processor:
• Exceptions Support for Error Detection
–
OMAP™ 3 Architecture
and Program Redirection
–
MPU Subsystem
• Hardware Support for Modulo Loop
• 600-MHz ARM Cortex™-A8 Core
Operation
• NEON™ SIMD Coprocessor
• C64x+ L1/L2 Memory Architecture
–
High Performance Image, Video, Audio
–
32K-Byte L1P Program RAM/Cache (Direct
(IVA2.2™) Accelerator Subsystem
Mapped)
• 430-MHz TMS320C64x+™ DSP Core
–
80K-Byte L1D Data RAM/Cache (2-Way
• Enhanced Direct Memory Access
Set-Associative)
(EDMA) Controller (128 Independent
–
64K-Byte L2 Unified Mapped RAM/Cache
Channels)
(4-Way Set-Associative)
• Video Hardware Accelerators
–
32K-Byte L2 Shared SRAM and 16K-Byte L2
–
2D/3D Graphics Accelerator (OMAP3530
ROM
Device Only)
• C64x+ Instruction Set Features
• Tile Based Architecture Delivering up to
–
Byte-Addressable (8-/16-/32-/64-Bit Data)
10 MPoly/sec
–
8-Bit Overflow Protection
• Universal Scalable Shader Engine:
Multi-threaded Engine Incorporating
–
Bit-Field Extract, Set, Clear
Pixel and Vertex Shader Functionality
–
Normalization, Saturation. Bit-Counting
• Industry Standard API Support:
–
Compact 16-Bit Instructions
OpenGLES 1.1 and 2.0, OpenVG1.0 and
–
Additional Instructions to Support Complex
Direct3D Mobile
Multiplies
• Fine Grained Task Switching, Load
• ARM Cortex™-A8 Core
Balancing, and Power Management
–
ARMv7 Architecture
• Programmable High Quality Image
• Trust Zone®
Anti-Aliasing
• Thumb®-2
–
Fully Software-Compatible With C64x and
• MMU Enhancements
ARM9™
–
In-Order, Dual-Issue, Superscalar
–
Commercial and Extended Temperature
Microprocessor Core
Grades
–
NEON™ Multimedia Architecture
• Advanced Very-Long-Instruction-Word (VLIW)
–
Over 2x Performance of ARMv6 SIMD
TMS320C64x+™ DSP Core
–
Supports Both Integer and Floating Point
–
Eight Highly Independent Functional Units
SIMD
• +Six ALUs (32-/40-Bit), Each Supports
–
Jazelle® RCT Execution Environment
Single 32-Bit, Dual 16-Bit, or Quad 8-Bit
Architecture
Arithmetic per Clock Cycle
–
Dynamic Branch Prediction with Branch
• Two Multipliers Support Four 16 x 16-Bit
Target Address Cache, Global History
Multiplies (32-Bit Results) per Clock
Buffer, and 8-Entry Return Stack
Cycle or Eight 8 x 8-Bit Multiplies (16-Bit
–
Embedded Trace Macrocell (ETM) Support
Results) per Clock Cycle
for Non-Invasive Debug
–
Load-Store Architecture With Non-Aligned
Support
• ARM Cortex™-A8 Memory Architecture:
–
64 32-Bit General-Purpose Registers
–
16K-Byte Instruction Cache (4-Way
Set-Associative)
–
Instruction Packing Reduces Code Size
–
16K-Byte Data Cache (4-Way
–
All Instructions Conditional
Set-Associative)
–
Additional C64x+™ Enhancements
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
is a trademark of ~ Texas Instruments.
All other trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the
Copyright © 2008–2008, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - OMAP3530

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP3530 TI-OMAP3530 Datasheet
2Mb / 230P
Applications Processor
OMAP3530 TI-OMAP3530 Datasheet
3Mb / 239P
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
OMAP3530 TI1-OMAP3530 Datasheet
2Mb / 266P
Applications Processors
OMAP3530 TI1-OMAP3530 Datasheet
2Mb / 262P
OMAP3525-HiRel and OMAP3530-HiRel Applications Processor
OMAP3530 TI1-OMAP3530 Datasheet
2Mb / 265P
OMAP3530 and OMAP3525 Applications Processors
More results

Similar Description - OMAP3530

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP5912 TI-OMAP5912 Datasheet
2Mb / 254P
Applications Processor
OMAP3515 TI-OMAP3515 Datasheet
2Mb / 227P
Applications Processor
OMAP3530 TI-OMAP3530 Datasheet
2Mb / 230P
Applications Processor
OMAP3515 TI-OMAP3515_08 Datasheet
3Mb / 262P
Applications Processor
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27_08 Datasheet
1Mb / 132P
Multimedia Applications Processor
logo
Texas Instruments
DM3730 TI-DM3730_10 Datasheet
2Mb / 268P
Applications Processor
logo
Freescale Semiconductor...
IMX23EC FREESCALE-IMX23EC Datasheet
422Kb / 2P
i.MX23 Applications Processor
logo
Texas Instruments
OMAP5912 TI1-OMAP5912_16 Datasheet
2Mb / 270P
OMAP5912 Applications Processor
DRA722 TI1-DRA722_17 Datasheet
5Mb / 408P
Infotainment Applications Processor
DRA78 TI1-DRA78 Datasheet
3Mb / 282P
Infotainment Applications Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com