Electronic Components Datasheet Search
  English  ▼

X  

CC2430DB Datasheet(PDF) 32 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC2430DB
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC2430DB Datasheet(HTML) 32 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC2430DB Datasheet HTML 28Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 29Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 30Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 31Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 32Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 33Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 34Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 35Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 36Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 212 page
background image
CC2430
8051 CPU : Memory
CC2430 Data Sheet (rev. 2.1) SWRS036F
Page 32 of 211
Code memory space
8051 memory spaces
0xFFFF
0x0000
Physical memory
MEMCTR.MUNIF = 0
CODE maps to flash
memory only
Non-volatile program memory
32 KB
bank 0
0x0000
0x7FFF
Non-volatile program memory
32 KB
bank 0 - bank 3
0x8000
0xFFFF
0x07FFF
0x00000
32 KB
bank 0
32 KB
bank 1
0x08000
0x1FFFF
32 KB
bank 2
32 KB
bank 3
0x18000
0x10000
0x17FFF
0x0FFFF
CC2430-F128 CODE memory space
128 KB flash
Figure 8: CC2430-F128 Non-unified mapping of CODE Space
Non-volatile program memory
32 KB
bank 0
Non-volatile program memory
24 KB
bank 0 - bank 3
Physical memory
8 KB SRAM
RF registers
0x0000
Registers
Fast access RAM
0xFF00
Slow access RAM /
program memory in RAM
0xE000
SFR registers
0xDF00
0xDF80
0xDFFF
0xDEFF
128 KB Flash
(0x8000 * (bank +1)) - 0x20FF
0x0000
32 KB
bank 0
0xFFFF
0x7FFF
MEMCTR.MUNIF = 1
CODE maps to unified memory
CC2430-F128 CODE memory space
0x8000 * bank
0x7FFF
0x8000
24 KB
bank 0-3
Figure 9: CC2430-F128 Unified mapping of CODE space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com