Electronic Components Datasheet Search
  English  ▼

X  

CC2430DB Datasheet(PDF) 63 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC2430DB
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC2430DB Datasheet(HTML) 63 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC2430DB Datasheet HTML 59Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 60Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 61Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 62Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 63Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 64Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 65Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 66Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 67Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 212 page
background image
CC2430
Debug Interface : Debug Lock Bit
CC2430 Data Sheet (rev. 2.1) SWRS036F
Page 63 of 211
Table 36: Debug Configuration
Bit
Name
Description
7-4
-
Not used, must be set to zero.
Disable timers. Disable timer operation. This overrides the
TIMER_SUSPEND
bit and its function.
0 Do not disable timers
3
TIMERS_OFF
1 Disable timers
DMA pause
0 Enable DMA transfers
2
DMA_PAUSE
1 Pause all DMA transfers
Suspend timers. Timer operation is suspended for debug
instructions and if a step instruction is a branch. If not
suspended these instructions would result an extra timer
count during the clock cycle in which the branch is executed
0 Do not suspend timers
1
TIMER_SUSPEND
1 Suspend timers
Select flash information page (2KB lowest part of flash)
0 Select flash main page (32, 64, or 128 KB)
0
SEL_FLASH_INFO_PAGE
1 Select flash information page (2KB)
Table 37: Debug Status
Bit
Name
Description
Flash chip erase done
0 Chip erase in progress
7
CHIP_ERASE_DONE
1 Chip erase done
PCON idle
0 CPU is running
6
PCON_IDLE
1 CPU is idle (clock gated)
CPU halted
0 CPU running
5
CPU_HALTED
1 CPU halted
Power Mode 0
0 Power Mode 1-3 selected
4
POWER_MODE_0
1 Power Mode 0 selected
Halt status. Returns cause of last CPU halt
0 CPU was halted by HALT debug command
3
HALT_STATUS
1 CPU was halted by hardware breakpoint
Debug locked. Returns value of DBGLOCK bit
0 Debug interface is not locked
2
DEBUG_LOCKED
1 Debug interface is locked
Oscillators stable. This bit represents the status of the
SLEEP.XSOC_STB
and SLEEP.HFRC_STB register bits.
0 Oscillators not stable
1
OSCILLATOR_STABLE
1 Oscillators stable
Stack overflow. This bit indicates when the CPU writes to
DATA memory space at address 0xFF which is possibly a
stack overflow
0 No stack overflow
0
STACK_OVERFLOW
1 Stack overflow
12.4.3
Hardware Breakpoints
The debug command SET_HW_BRKPNT is
used to set a hardware breakpoint. The
CC2430 supports up to four hardware
breakpoints. When a hardware breakpoint is
enabled it will compare the CPU address bus
with the breakpoint. When a match occurs, the
CPU is halted.
When issuing the SET_HW_BRKPNT, the
external host must supply three data bytes that
define the hardware breakpoint. The hardware
breakpoint itself consists of 18 bits while three
bits are used for control purposes. The format
of
the
three
data
bytes
for
the
SET_HW_BRKPNT command is as follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com