Electronic Components Datasheet Search
  English  ▼

X  

CC2430DB Datasheet(PDF) 82 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC2430DB
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC2430DB Datasheet(HTML) 82 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC2430DB Datasheet HTML 78Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 79Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 80Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 81Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 82Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 83Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 84Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 85Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 86Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 212 page
background image
CC2430
Peripherals : I/O ports
CC2430 Data Sheet (rev. 2.1) SWRS036F
Page 82 of 211
13.4.8
32.768 kHz XOSC input
Ports P2_3 and P2_4 are used to connect an
external 32.768 kHz crystal. These port pins
will be used by the 32.768 kHz crystal
oscillator when CLKCON.OSC32K is low,
regardless of register settings. The port pins
will
be
set
in
analog
mode
when
CLKCON.OSC32K
is low.
13.4.9
Radio Test Output Signals
For debug purposes and to some degree
CC2420 pin compability, the RFSTATUS.SFD,
RFSTATUS.FIFO,
RFSTATUS.FIFOP
and
RFSTATUS.CCA
bits can be output onto P1.7 –
P1.4 I/O pins to monitor the status of these
signals. These test output signals are selected
by the IOCFG0,
IOCFG1
and IOCFG2
registers.
The debug signals are output to the following
I/O pins:
•
P1.4 – FIFO
•
P1.5 – FIFOP
•
P1.6 – SFD
•
P1.7 – CCA
Configuring this mode has precedence over
other settings in the IOC, and these pins will
be assigned the above signals and forced to
be outputs.
13.4.10
I/O registers
The registers for the I/O ports are described in
this section. The registers are:
•
P0
Port 0
•
P1
Port 1
•
P2
Port 2
•
PERCFG
Peripheral control register
•
ADCCFG
ADC input configuration register
•
P0SEL
Port 0 function select register
•
P1SEL
Port 1 function select register
•
P2SEL
Port 2 function select register
•
P0DIR
Port 0 direction register
•
P1DIR
Port 1 direction register
•
P2DIR
Port 2 direction register
•
P0INP
Port 0 input mode register
•
P1INP
Port 1 input mode register
•
P2INP
Port 2 input mode register
•
P0IFG
Port 0 interrupt status flag register
•
P1IFG
Port 1 interrupt status flag register
•
P2IFG
Port 2 interrupt status flag register
•
PICTL
Interrupt mask and edge register
•
P1IEN
Port 1 interrupt mask register
P0 (0x80) – Port 0
Bit
Name
Reset
R/W
Description
7:0
P0[7:0]
0xFF
R/W
Port 0. General purpose I/O port. Bit-addressable.
P1 (0x90) – Port 1
Bit
Name
Reset
R/W
Description
7:0
P1[7:0]
0xFF
R/W
Port 1. General purpose I/O port. Bit-addressable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com