Electronic Components Datasheet Search
  English  ▼

X  

CC2430DB Datasheet(PDF) 38 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC2430DB
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC2430DB Datasheet(HTML) 38 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC2430DB Datasheet HTML 34Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 35Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 36Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 37Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 38Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 39Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 40Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 41Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 42Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 212 page
background image
CC2430
8051 CPU : Memory
CC2430 Data Sheet (rev. 2.1) SWRS036F
Page 38 of 211
Table 26: RFR address overview (XDATA addressable with offset DF00h)
DF+
8 bytes
DF+
00
-
-
MDMCTRL0H
MDMCTRL0L
MDMCTRL1H
MDMCTRL1L
RSSIH
RSSIL
07
08
SYNCHWORDH
SYNCWORDL
TXCTRLH
TXCTRLL
RXCTRL0H
RXCTRL0L
RXCTRL1H
RXCTRL1L
0F
10
FSCTRLH
FSCTRLL
CSPX
CSPY
CSPZ
CSPCTRL
CSPT
RFPWR
17
18
-
-
-
-
-
-
-
-
1F
20
FSMTCH
FSMTCL
MANANDH
MANANDL
MANORH
MANORL
AGCCTRLH
AGCCTRLL
27
28
AGCTST0H
AGCTS0L
AGCTST1H
AGCTST1L
AGCTST2H
AGCTST2L
FSTST0H
FSTST0L
2F
30
FSTST1H
FSTST1L
FSTST2H
FSTST2L
FSTST3H
FSTST3L
-
RXBPFTSTH
37
38
RXBPFTSTL
FSMSTATE
ADCTSTH
ADCTSTL
DACTSTH
DACTSTL
-
TOPTST
3F
40
RESERVEDH
RESERVEDL
-
IEEE_ADDR0
IEEE_ADDR1
IEEE_ADDR2
IEEE_ADDR3
IEEE_ADDR4
47
48
IEEE_ADDR5
IEEE_ADDR6
IEEE_ADDR7
PANIDH
PANIDL
SHORTADDRH
SHORTADDRL
IOCFG0
4F
50
IOCFG1
IOCFG2
IOCFG3
RXFIFOCNT
FSMTC1
-
-
-
57
58
-
-
-
-
-
-
-
-
5F
60
CHVER
CHIPID
RFSTATUS
-
IRQSRC
-
-
-
67
68
-
-
-
-
-
-
-
-
6F
70
-
-
-
-
-
-
-
-
77
78
-
-
-
-
-
-
-
-
7F
Table 27 : Overview of RF registers
XDATA
Address
Register name
Description
0xDF00-
0xDF01
-
Reserved
0xDF02
MDMCTRL0H
Modem Control 0, high
0xDF03
MDMCTRL0L
Modem Control 0, low
0xDF04
MDMCTRL1H
Modem Control 1, high
0xDF05
MDMCTRL1L
Modem Control 1, low
0xDF06
RSSIH
RSSI and CCA Status and Control, high
0xDF07
RSSIL
RSSI and CCA Status and Control, low
0xDF08
SYNCWORDH
Synchronisation Word Control, high
0xDF09
SYNCWORDL
Synchronisation Word Control, low
0xDF0A
TXCTRLH
Transmit Control, high
0xDF0B
TXCTRLL
Transmit Control, low
0xDF0C
RXCTRL0H
Receive Control 0, high
0xDF0D
RXCTRL0L
Receive Control 0, low
0xDF0E
RXCTRL1H
Receive Control 1, high
0xDF0F
RXCTRL1L
Receive Control 1, low
0xDF10
FSCTRLH
Frequency Synthesizer Control and Status, high
0xDF11
FSCTRLL
Frequency Synthesizer Control and Status, low
0xDF12
CSPX
CSP X Data
0xDF13
CSPY
CSP Y Data
0xDF14
CSPZ
CSP Z Data
0xDF15
CSPCTRL
CSP Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com