Electronic Components Datasheet Search
  English  ▼

X  

CC2430DB Datasheet(PDF) 71 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC2430DB
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC2430DB Datasheet(HTML) 71 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC2430DB Datasheet HTML 67Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 68Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 69Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 70Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 71Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 72Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 73Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 74Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430DB Datasheet HTML 75Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 212 page
background image
CC2430
Peripherals : Reset
CC2430 Data Sheet (rev. 2.1) SWRS036F
Page 71 of 211
0xFEFF (426 bytes) will lose all data when
PM2 or PM3 is entered. These locations will
contain undefined data when PM0 is re-
entered.
The registers which retain their contents are
the CPU registers, peripheral registers and RF
registers, unless otherwise specified for a
given register bit field. Switching to the low-
power
modes
PM2
or
PM3
appears
transparent to software with the following
exceptions:
•
The RF TXFIFO/RXFIFO contents are not
retained when entering PM2 or PM3.
•
Watchdog timer 15-bit counter is reset to
0x0000 when entering PM2 or PM3.
13.2
Reset
The
CC2430 has four reset sources. The
following events generate a reset:
•
Forcing RESET_N input pin low
•
A power-on reset condition
•
A brown-out reset condition
•
Watchdog timer reset condition
The initial conditions after a reset are as
follows:
•
I/O pins are configured as inputs with pull-
up
•
CPU program counter is loaded with
0x0000 and program execution starts at
this address
•
All peripheral registers are initialized to
their reset values (refer to register
descriptions)
•
Watchdog timer is disabled
13.2.1
Power On Reset and Brown Out Detector
The
CC2430 includes a Power On Reset (POR)
providing correct initialization during device
power-on. Also includes is a Brown Out
Detector (BOD) operating on the regulated
1.8V digital power supply only, The BOD will
protect the memory contents during supply
voltage variations which cause the regulated
1.8V power to drop below the minimum level
required by flash memory and SRAM.
When power is initially applied to the
CC2430
the Power On Reset (POR) and Brown Out
Detector (BOD) will hold the device in reset
state until the supply voltage reaches above
the Power On Reset and Brown Out voltages.
Figure 13 shows the POR/BOD operation with
the 1.8V (typical) regulated supply voltage
together with the active low reset signals
BOD_RESET and POR_RESET shown in the
bottom of the figure (note that signals are not
available, just for ilustaration of events).
The cause of the last reset can read from the
register bits SLEEP.RST. It should be noted
that a BOD reset will be read as a POR reset.
0
UNREGULATED
1.8V REGULATED
POR RESET ASSERT FALLING VDD
BOD RESET ASSERT
POR RESET DEASSERT RISING VDD
VOLT
POR OUTPUT
BOD RESET
POR RESET
X
X
X
X
X
X
Figure 13 : Power On Reset and Brown Out Detector Operation
13.3
Flash Controller
The
CC2430 contains 32, 64 or 128 KB flash
memory for storage of program code. The
flash memory is programmable from the user
software and through the debug interface. See
Table 22 on page 26 for flash memory size
options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com