Electronic Components Datasheet Search
  English  ▼

X  

DS80C390 Datasheet(PDF) 53 Page - Dallas Semiconductor

Part # DS80C390
Description  High-Speed Microcontroller User?셲 Guide Supplement
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C390 Datasheet(HTML) 53 Page - Dallas Semiconductor

Back Button DS80C390 Datasheet HTML 49Page - Dallas Semiconductor DS80C390 Datasheet HTML 50Page - Dallas Semiconductor DS80C390 Datasheet HTML 51Page - Dallas Semiconductor DS80C390 Datasheet HTML 52Page - Dallas Semiconductor DS80C390 Datasheet HTML 53Page - Dallas Semiconductor DS80C390 Datasheet HTML 54Page - Dallas Semiconductor DS80C390 Datasheet HTML 55Page - Dallas Semiconductor DS80C390 Datasheet HTML 56Page - Dallas Semiconductor DS80C390 Datasheet HTML 57Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 155 page
background image
DS80C390 High-Speed Microcontroller User’s Guide Supplement
53 of 155
Interrupt Priority (IP)
7
6543
210
SFR B8h
-
PS1
PT2
PS0
PT1
PX1
PT0
PX0
-
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
R=Unrestricted Read, W=Unrestricted Write, -n=Value after Reset
Bit 7
Reserved. Read data is indeterminate.
PS1
Bit 6
Serial Port 1 Interrupt. This bit controls the priority of the serial port 1
interrupt.
0 = Serial port 1 priority is determined by the natural priority order.
1 = Serial port 1 is a high priority interrupt.
PT2
Bit 5
Timer 2 Interrupt. This bit controls the priority of Timer 2 interrupt.
0 = Timer 2 is determined by the natural priority order.
1 = Timer 2 is a high priority interrupt.
PS0
Bit 4
Serial Port 0 Interrupt. This bit controls the priority of the serial port 0
interrupt.
0 = Serial port 0 priority is determined by the natural priority order.
1 = Serial port 0 is a high priority interrupt.
PT1
Bit 3
Timer 1 Interrupt. This bit controls the priority of Timer 1 interrupt.
0 = Timer 1 is determined by the natural priority order.
1 = Timer 1 is a high priority interrupt.
PX1
Bit 2
External Interrupt 1. This bit controls the priority of external interrupt 1.
0 = External interrupt 1 is determined by the natural priority order.
1 = External interrupt 1 is a high priority interrupt.
PT0
Bit 1
Timer 0 Interrupt. This bit controls the priority of Timer 0 interrupt.
0 = Timer 0 is determined by the natural priority order.
1 = Timer 0 is a high priority interrupt.
PX0
Bit 0
External Interrupt 0. This bit controls the priority of external interrupt 0.
0 = External interrupt 0 is determined by the natural priority order.
1 = External interrupt 0 is a high priority interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com