Electronic Components Datasheet Search
  English  ▼

X  

DS80C390 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS80C390
Description  High-Speed Microcontroller User?셲 Guide Supplement
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C390 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS80C390 Datasheet HTML 17Page - Dallas Semiconductor DS80C390 Datasheet HTML 18Page - Dallas Semiconductor DS80C390 Datasheet HTML 19Page - Dallas Semiconductor DS80C390 Datasheet HTML 20Page - Dallas Semiconductor DS80C390 Datasheet HTML 21Page - Dallas Semiconductor DS80C390 Datasheet HTML 22Page - Dallas Semiconductor DS80C390 Datasheet HTML 23Page - Dallas Semiconductor DS80C390 Datasheet HTML 24Page - Dallas Semiconductor DS80C390 Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 155 page
background image
DS80C390 High-Speed Microcontroller User’s Guide Supplement
21 of 155
External Interrupt Flag (EXIF)
7
6543
210
SFR 91h
IE5
IE4
IE3
IE2
CKRY
RGMD
RGSL
BGS
RW-0
RW-0
RW-0
RW-0
R-*
R-*
RW-*
RT-0
R=Unrestricted Read, W=Unrestricted Write, T=Timed Access Write Only
-n=Value after Reset, *=See description
IE5
Bit 7
External Interrupt 5 Flag. This bit will be set when a falling edge is detected on
5
INT
. This bit must be cleared manually by software. Setting this bit in software
will cause an interrupt if enabled.
IE4
Bit 6
External Interrupt 4 Flag. This bit will be set when a rising edge is detected on
INT4. This bit must be cleared manually by software. Setting this bit in software
will cause an interrupt if enabled.
IE3
Bit 5
External Interrupt 3 Flag. This bit will be set when a falling edge is detected
on
3
INT
This bit must be cleared manually by software. Setting this bit in
software will cause an interrupt if enabled.
IE2
Bit 4
External Interrupt 2 Flag. This bit will be set when a rising edge is detected on
INT2. This bit must be cleared manually by software. Setting this bit in software
will cause an interrupt if enabled.
CKRY
Bit 3
Clock Ready. The CKRY bit indicates the status of the start-up period delay
used by the crystal oscillator and the crystal clock multiplier warm-up period.
CKRY=0 indicates the start-up delay is still counting. When the CKRY=1 the
counter has completed. This bit is cleared each time the CTM bit in the PMR
register is changed from low to high to start the crystal multiplier. Once the
CKRY is set, the lockout is removed on the CD1, CD0 bits to select the
multiplied crystal clock as a system clock source. This status bit is also cleared
each time the crystal oscillator is restarted when exiting Stop mode.
RGMD
Bit 2
Ring Mode Status. This bit indicates the current clock source for the
device. This bit is cleared to 0 after a power-on reset, and unchanged by all
other forms of reset.
0 = Device is operating from the external crystal or oscillator.
1 = Device is operating from the ring oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com