Electronic Components Datasheet Search
  English  ▼

X  

DS80C390 Datasheet(PDF) 85 Page - Dallas Semiconductor

Part # DS80C390
Description  High-Speed Microcontroller User?셲 Guide Supplement
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C390 Datasheet(HTML) 85 Page - Dallas Semiconductor

Back Button DS80C390 Datasheet HTML 81Page - Dallas Semiconductor DS80C390 Datasheet HTML 82Page - Dallas Semiconductor DS80C390 Datasheet HTML 83Page - Dallas Semiconductor DS80C390 Datasheet HTML 84Page - Dallas Semiconductor DS80C390 Datasheet HTML 85Page - Dallas Semiconductor DS80C390 Datasheet HTML 86Page - Dallas Semiconductor DS80C390 Datasheet HTML 87Page - Dallas Semiconductor DS80C390 Datasheet HTML 88Page - Dallas Semiconductor DS80C390 Datasheet HTML 89Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 155 page
background image
DS80C390 High-Speed Microcontroller User’s Guide Supplement
85 of 155
ER2-0
Bit 2-0
CAN 1 Bus Error Status. These bits indicate the type of error, if any, detected
in the last CAN 1 Bus Frame. These bits will be reset to the 111b state following
any read of the C1S register (when SWINT=0), allowing software to determine if
a new error has been received since the last read of this register. The ER2-0 bits
are read only.
The ER2-0 bits are updated any time they change from 000b or 111b to another
value. If enabled, an interrupt will be generated at this time. Errors received while
the ER2-0 bits are in a non-000b or 111b state will be ignored, leaving ER2-0
unchanged and not generating enabled interrupts. This ensures that error
conditions will not be lost/overwritten before software has a chance to read the
C1S register. Once the C1S register is read and the ER2-0 bits return to 111b, new
errors will be processed normally. In the case of simultaneous errors in multiple
CAN 1 message centers, only the highest priority error is indicated.
ER2
ER1
ER0
Priority
Error Conditions
0
0
0
N/A
No Error in Last Frame
0
0
1
2
Bit Stuff Error
0
1
0
5
Format Error
0
1
1
4
Transmit Not Acknowledged Error
1
0
0
6(lowest)
Bit 1 Error
1
0
1
1(highest)
Bit 0 Error
1
1
0
3
CRC Error
1
1
1
N/A
No change since last C1S read
The following is a description of the different error types:
Bit Stuff Error
: Occurs when the CAN controller detects more than 5 consecutive
bits of an identical state are received in an incoming message.
Format Error
: Generated when a received message has the wrong format.
Transmit Not Acknowledged Error
: Indicates that a data request message was sent
and the requested node did not acknowledged the message.
Bit 1 Error
: Indicates that the CAN attempted to transmit a message and that
when a recessive bit was transmitted, the CAN bus was found to have a
dominant bit level. This error is not generated when the bit is a part of the
arbitration field (identifier and remote retransmission request).
Bit 0 Error
: Indicates that the CAN attempted to transmit a message and that
when a dominant bit was transmitted, the CAN bus was found to have a
recessive bit level. This error is not generated when the bit is a part of the
arbitration field. The Bit 0 Error is set each time a recessive bit is received
during the Busoff recovery period.
CRC Error
: Generated whenever the calculated CRC of a received message does
not match the CRC embedded in the message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com