Electronic Components Datasheet Search
  English  ▼

X  

DS80C390 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS80C390
Description  High-Speed Microcontroller User?셲 Guide Supplement
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C390 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS80C390 Datasheet HTML 9Page - Dallas Semiconductor DS80C390 Datasheet HTML 10Page - Dallas Semiconductor DS80C390 Datasheet HTML 11Page - Dallas Semiconductor DS80C390 Datasheet HTML 12Page - Dallas Semiconductor DS80C390 Datasheet HTML 13Page - Dallas Semiconductor DS80C390 Datasheet HTML 14Page - Dallas Semiconductor DS80C390 Datasheet HTML 15Page - Dallas Semiconductor DS80C390 Datasheet HTML 16Page - Dallas Semiconductor DS80C390 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 155 page
background image
DS80C390 High-Speed Microcontroller User’s Guide Supplement
13 of 155
Data Pointer High 1 (DPH1)
7
6543
210
SFR 85h
DPH1.7
DPH1.6
DPH1.5
DPH1.4
DPH1.3
DPH1.2
DPH1.1
DPH1.0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
R=Unrestricted Read, W=Unrestricted Write, -n=Value after Reset
DPH1.7-0
Bits 7-0
Data Pointer High 1. This register is the high byte of the auxiliary 16-bit data
pointer. When the SEL bit (DPS.0) is set, DPL1 and DPH1 are used in place of
DPL and DPH during DPTR operations.
Data Pointer Select (DPS)
7
6543
210
SFR 86h
ID1
ID0
TSL
0
0
1
0
SEL
RW-0
RW-0
RW-0
R-0
R-0
R-1
R-0
RW-0
R=Unrestricted Read, W=Unrestricted Write, -n=Value after Reset
ID1, ID0
Bits 7-6
Increment/Decrement Function Select. These bits define whether the INC
DTPR instruction will increment or decrement the active data pointer as selected
by the SEL bit.
ID1
ID0
SEL=0
SEL=1
0
0
Increment DPTR
Increment DPTR1
0
1
Decrement DPTR
Increment DPTR1
1
0
Increment DPTR
Decrement DPTR1
1
1
Decrement DPTR
Decrement DPTR1
TSL
Bit 5
Toggle Select Enable. When set, this bit allows the following five DPTR-
related instructions to toggle the SEL bit following execution of the
instruction. When TSL=0, DPTR-related instructions will not affect the state
of the SEL bit. DPTR-related instructions are:
INC
DPTR
MOV
DPTR, #data16
MOVC A, @A+DPTR
MOVX @DPTR, A
MOVX A, @DPTR
Bits 4-1
Reserved.
SEL
Bit 0
Data Pointer Select. This bit selects the active data pointer.
0 = Instructions that use the DPTR will use DPL, DPH, DPX.
1= Instructions that use the DPTR will use DPL1 and DPH1, DPX1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com