Electronic Components Datasheet Search
  English  ▼

X  

DS80C390 Datasheet(PDF) 39 Page - Dallas Semiconductor

Part # DS80C390
Description  High-Speed Microcontroller User?셲 Guide Supplement
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C390 Datasheet(HTML) 39 Page - Dallas Semiconductor

Back Button DS80C390 Datasheet HTML 35Page - Dallas Semiconductor DS80C390 Datasheet HTML 36Page - Dallas Semiconductor DS80C390 Datasheet HTML 37Page - Dallas Semiconductor DS80C390 Datasheet HTML 38Page - Dallas Semiconductor DS80C390 Datasheet HTML 39Page - Dallas Semiconductor DS80C390 Datasheet HTML 40Page - Dallas Semiconductor DS80C390 Datasheet HTML 41Page - Dallas Semiconductor DS80C390 Datasheet HTML 42Page - Dallas Semiconductor DS80C390 Datasheet HTML 43Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 155 page
background image
DS80C390 High-Speed Microcontroller User’s Guide Supplement
39 of 155
CAN 0 Status Register (C0S)
7654
3210
SFR A4h
BUSOFF
CECE
WKS
RXS
TXS
ER2
ER1
ER0
R-0
R-0
R-0
RW-0
RW-0
R-0
R-0
R-0
R=Unrestricted Read, W=Unrestricted Write, -n=Value after Reset
BUSOFF
Bit 7
CAN 0 Bus Off. When BUSOFF = 1, the CAN 0 Bus is disabled and is not
capable of receiving or transmitting messages. This condition is the result of the
transmit error counter reaching a count of 256. When the CAN 0 module detects
an error count of 256 the CAN module will automatically set BUSOFF = 1 and
clear SWINT = 0.
BUSOFF is cleared to a 0 to enable CAN 0 Bus activity when the CAN module
completes both the busoff recovery (128 X 11 consecutive recessive bits) and the
power-up sequence (11 consecutive recessive bits). Once the CAN module has
completed this relationship it will set SWINT = 1 and will enter into the software
initialization state. Once software has cleared SWINT to a 0, the CAN module
will be enabled to transmit and receive messages. When BUSOFF = 0, the CAN 0
Bus is enabled to receive or transmit messages. A change in the state of BUSOFF
from a previous 0 to a 1 will generate an interrupt if the ERIE, C0IE and EA
register bits are set. All microcontroller writes to the SWINT bit are disabled
when BUSOFF = 1. Both the transmit and receive error counters are cleared to
00h when the Bus Off condition is cleared by the CAN module (BUSOFF=0).
CECE
Bit 6
CAN 0 Error Count Exceeded. This bit operates in one of two modes,
depending on the state of the ERCS bit in the CAN 0 Control Register.
ERCS = 0 (Error count limit=96) In this mode when CECE=1, the interrupt
flag indicates that either the CAN 0 Transmit Error Counter or the CAN 0
Receive Error Counter has reached an error count of 96, which represents an
exceptionally high number of errors. CECE=0 indicates that both error
counters have an error count of less than 96. A 0 to 1 transition of CECE will
generate an interrupt if the ERIE, C0IE and IE SFR bits are set.
ERCS = 1 (Error count limit=128) In this mode when CECE=1, the interrupt
flag indicates that either the CAN 0 Transmit Error Counter or the CAN 0
Receive Error Counter has reached an error count of 128, which represents an
exceptionally high number of errors. CECE = 0 indicates that the current
Transmit Error Counter and Receive Error Counter both have an error count
of less than 128. A change in the state of CECE from either a previous 0 to a
1 or from a previous 1 to 0 will generate an interrupt if the ERIE, C0IE and
IE SFR bits are set.
WKS
Bit 5
CAN 0 Wake-up Status. When WKS=1, the CAN 0 module is in either SIESTA
or Power Down mode. Clearing both the SIESTA and PDE bits will force the
WKS=0. A change in the state of WKS from a previous 1 to 0 will generate an
interrupt if the STIE, C0IE and IE SFR bits are set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com