Electronic Components Datasheet Search
  English  ▼

X  

STE10 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STE10 Datasheet HTML 8Page - STMicroelectronics STE10 Datasheet HTML 9Page - STMicroelectronics STE10 Datasheet HTML 10Page - STMicroelectronics STE10 Datasheet HTML 11Page - STMicroelectronics STE10 Datasheet HTML 12Page - STMicroelectronics STE10 Datasheet HTML 13Page - STMicroelectronics STE10 Datasheet HTML 14Page - STMicroelectronics STE10 Datasheet HTML 15Page - STMicroelectronics STE10 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
STE10/100
12/66
0
IOSI
Memory Space Indicator.
1: means that the configuration registers map into I/O space.
0RO
CR11(offset = 2ch), SID - Subsystem ID.
31~16
SID
Subsystem ID. This value is loaded from EEPROM as a result
of power-on or hardware reset.
From
EEPROM
RO
15~ 0
SVID
Subsystem Vendor ID. This value is loaded from EEPROM as
a result power-on or hardware reset.
From
EEPROM
RO
CR12(offset = 30h), BRBA - Boot ROM Base Address. This register should be initialized before accessing the
boot ROM space.
31~10
BRBA
Boot ROM Base Address. This value indicates the address
mapping of the boot ROM field as well as defining the boot
ROM size. The values of bit 16~10 are set to 0 indicating that
the STE10/100 supports up to 128kB of boot ROM.
X: b31~17
0: b16~10
R/W
RO
9 ~ 1
---
reserved
RO R/W R/
W
0
BRE
Boot ROM Enable. The STE10/100 will only enable its boot
ROM access if both the memory space access bit (bit 1 of
CR1) and this bit are set to 1.
1: enable Boot ROM. (if bit 1 of CR1 is also set)
0
R/W
CR13(offset = 34h), CP - Capabilities Pointer.
31~8
---
reserved
7~0
CP
Capabilities Pointer.
C0H
RO
CR15(offset = 3ch), CI - Configuration Interrupt
31~24
ML
Max_Lat register. This value indicates how often the STE10/
100 needs to access to the PCI bus in units of 250ns. This
value is loaded from serial EEPROM as a result of power-on or
hardware reset.
From
EEPROM
RO
23~16
MG
Min_Gnt register. This value indicates how long the STE10/
100 needs to retain the PCI bus ownership whenever it
initiates a transaction, in units of 250ns. This value is loaded
from serial EEPROM as a result power-on or hardware reset.
From
EEPROM
RO
15~ 8
IP
Interrupt Pin. This value indicates one of four interrupt request
pins to which the STE10/100 is connected.
01h: means the STE10/100 always connects to INTA#
01h
RO
7 ~ 0
IL
Interrupt Line. This value indicates the system interrupt
request lines to which the INTA# of STE10/100 is routed. The
BIOS will fill this field when it initializes and configures the
system. The STE10/100 driver can use this value to determine
priority and vector information.
0
R/W
CR16(offset = 40h), DS - Driver Space for special purpose.
31~16
---
reserved
Table 4. Configuration Registers Descriptions
Bit #
Name
Descriptions
Default Val
RW Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com