Electronic Components Datasheet Search
  English  ▼

X  

STE10 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STE10 Datasheet HTML 22Page - STMicroelectronics STE10 Datasheet HTML 23Page - STMicroelectronics STE10 Datasheet HTML 24Page - STMicroelectronics STE10 Datasheet HTML 25Page - STMicroelectronics STE10 Datasheet HTML 26Page - STMicroelectronics STE10 Datasheet HTML 27Page - STMicroelectronics STE10 Datasheet HTML 28Page - STMicroelectronics STE10 Datasheet HTML 29Page - STMicroelectronics STE10 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
STE10/100
26/66
22~ 20
TS
Transmit State. Reports the current transmission state only,
no interrupt will be generated.
000: stop
001: read descriptor
010: transmitting
011: FIFO fill, read the data from memory and put into FIFO
100: reserved
101: reserved
110: suspended, unavailable transmit descriptor or FIFO
overflow
111: write descriptor
000
RO
19~17
RS
Receive State. Reports current receive state only, no interrupt
will be generated.
000: stop
001: read descriptor
010: check this packet and pre-fetch next descriptor
011: wait for receiving data
100: suspended
101: write descriptor
110: flush the current FIFO
111: FIFO drain, move data from receiving FIFO into memory
000
RO
16
ANISS
Added normal interrupt status summary.
1: whenever any of the added normal interrupts occur.
0
RO/LH*
15
AAISS
Added Abnormal Interrupt Status Summary.
1: whenever any of the added abnormal interrupts occur.
0
RO/LH*
14~0
These bits are the same as the status register of CSR5, and
are accessible through either CSR5 or CSR16.
LH* = High Latching and cleared by writing 1.
CSR17(offset = 84h), ACSR7- Assistant CSR7(Interrupt enable register 2)
31
TEIE
Transmit Early Interrupt Enable
0
R/W
30
REIE
Receive Early Interrupt Enable
0
R/W
29
XIE
Transceiver (XCVR) Interrupt Enable
0
R/W
28
TDIE
Transmit Deferred Interrupt Enable
0
R/W
27
---
Reserved
26
PFRIE
PAUSE Frame Received Interrupt Enable
0
R/W
25~17
---
Reserved
16
ANISE
Added Normal Interrupt Summary Enable.
1: adds the interrupts of bits 30 and 31 of ACSR7 (CSR17) to
the normal interrupt summary (bit 16 of CSR5).
0
R/W
15
AAIE
Added Abnormal Interrupt Summary Enable.
1: adds the interrupt of bits 27, 28, and 29 of ACSR7 (CSR17)
to the abnormal interrupt summary (bit 16 of CSR5).
0
R/W
14~0
These bits are the same as the interrupt enable register of
CSR7, and are accessible through either CSR7 or CSR16.
Table 6. Control/Status register description
Bit #
Name
Descriptions
Default Val
RW Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com