Electronic Components Datasheet Search
  English  ▼

X  

TDA8133 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA8133
Description  5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8133 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA8133_03 Datasheet HTML 4Page - STMicroelectronics TDA8133_03 Datasheet HTML 5Page - STMicroelectronics TDA8133_03 Datasheet HTML 6Page - STMicroelectronics TDA8133_03 Datasheet HTML 7Page - STMicroelectronics TDA8133_03 Datasheet HTML 8Page - STMicroelectronics TDA8133_03 Datasheet HTML 9Page - STMicroelectronics TDA8133_03 Datasheet HTML 10Page - STMicroelectronics TDA8133_03 Datasheet HTML 11Page - STMicroelectronics TDA8133_03 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
APPLICATION DIAGRAMS
TDA8133/D
8/13
4
APPLICATION DIAGRAMS
Figure 5: TDA8133 Typical Application
Figure 6: TDA8133D Typical Application
6
3
5
2
1
RESET
Ce
0.1 µF
C1
C2
C3
C4
DISABLE
C1 to C4 = 10 µF
OUTPUT1
OUTPUT2
INPUT1
INPUT2
9
8
7
RESET
DELAY
CAPACITOR
DISABLE
NTBC
GROUND
4
VO1
VO2
VIN1
VIN2
5
3
2
1
RESET
Ce
0.1 µF
C1
C2
C3
C4
DISABLE
C1 to C4 = 10 µF
OUTPUT1
OUTPUT2
INPUT1
INPUT2
8
7
6
RESET
DELAY
CAPACITOR
DISABLE
NTBC
GROUND
4
VO1
VO2
VIN1
VIN2
Pins 9 to 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com