Electronic Components Datasheet Search
  English  ▼

X  

TDA8133 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA8133
Description  5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8133 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA8133_03 Datasheet HTML 1Page - STMicroelectronics TDA8133_03 Datasheet HTML 2Page - STMicroelectronics TDA8133_03 Datasheet HTML 3Page - STMicroelectronics TDA8133_03 Datasheet HTML 4Page - STMicroelectronics TDA8133_03 Datasheet HTML 5Page - STMicroelectronics TDA8133_03 Datasheet HTML 6Page - STMicroelectronics TDA8133_03 Datasheet HTML 7Page - STMicroelectronics TDA8133_03 Datasheet HTML 8Page - STMicroelectronics TDA8133_03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TDA8133/D
2/13
TABLE OF CONTENTS
Chapter 1
GENERAL INFORMATION
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3
Chapter 2
ELECTRICAL CHARACTERISTICS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4
2.1
Absolute Maximum Ratings ................................................................................................ 4
2.2
Thermal Data ...................................................................................................................... 4
2.3
Electrical Characteristics ...................................................................................................... 4
Chapter 3
CIRCUIT DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6
Chapter 4
APPLICATION DIAGRAMS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8
Chapter 5
POWER DISSIPATION AND LAYOUT INDICATIONS . . . . . . . . . . . . . . . . . . . . . .9
Chapter 6
PACKAGE MECHANICAL DATA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10
Chapter 7
REVISION HISTORY . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com