Electronic Components Datasheet Search
  English  ▼

X  

TDA8133 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA8133
Description  5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8133 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA8133_03 Datasheet HTML 1Page - STMicroelectronics TDA8133_03 Datasheet HTML 2Page - STMicroelectronics TDA8133_03 Datasheet HTML 3Page - STMicroelectronics TDA8133_03 Datasheet HTML 4Page - STMicroelectronics TDA8133_03 Datasheet HTML 5Page - STMicroelectronics TDA8133_03 Datasheet HTML 6Page - STMicroelectronics TDA8133_03 Datasheet HTML 7Page - STMicroelectronics TDA8133_03 Datasheet HTML 8Page - STMicroelectronics TDA8133_03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
TDA8133/D
ELECTRICAL CHARACTERISTICS
VO1RST
Reset Threshold Voltage
K = VO1, VIN1 ≥ 7V
K - 0.4
K - 0.25
K - 0.1
V
VRTH
Reset Threshold Hysteresis
See circuit description.
20
50
75
mV
tRD
Reset Pulse Delay
Ce = 100 nF
See circuit description.
25
ms
VRL
Saturation Voltage in Reset Condition IRESET = 5 mA
0.4
V
IRH
Leakage Current in Normal Condition
VRESET= 10 V
10
µA
KO1, 2
Output Voltage Thermal Drift
TJ = 0 to + 125°C
100
ppm/°C
IO1,2SC
Short Circuit Output Current
VIN1 = 7 V, VIN2 = 10 V
VIN1,2 = 16 V
1
1.6
1.0
A
VDISH
Disable Voltage when pin DISABLE is High (OUTPUT2 active)
2
V
VDISL
Disable Voltage when pin DISABLE is Low (OUTPUT2 disabled)
0.8
V
IDIS
Disable Bias Current
0V < VDIS < 7 V
-100
2
µA
TJSD
Junction Temperature for Thermal Shutdown
145
°C
1. The output short-circuit currents are tested one channel at time. During a short-circuit, a large consumption
of power occurs, but the thermal protection circuit prevents any excessive temperatures. A safe permanent
short-circuit protection is only guaranteed for input voltages up to 16 V.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
K
0
∆V
0
106
⋅
∆TV
0
⋅
------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com