Electronic Components Datasheet Search
  English  ▼

X  

TDA8133 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA8133
Description  5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8133 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA8133_03 Datasheet HTML 1Page - STMicroelectronics TDA8133_03 Datasheet HTML 2Page - STMicroelectronics TDA8133_03 Datasheet HTML 3Page - STMicroelectronics TDA8133_03 Datasheet HTML 4Page - STMicroelectronics TDA8133_03 Datasheet HTML 5Page - STMicroelectronics TDA8133_03 Datasheet HTML 6Page - STMicroelectronics TDA8133_03 Datasheet HTML 7Page - STMicroelectronics TDA8133_03 Datasheet HTML 8Page - STMicroelectronics TDA8133_03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PRELIMINARY DATA
TDA8133/D
+5.1 V AND +8 V DUAL-VOLTAGE REGULATOR
WITH DISABLE AND RESET FUNCTIONS
®
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
September 2003
1/13
FEATURES
s Input Voltage Range: 7 V to 18 V
s Output Currents up to 750 mA
s Fixed Precision Output 1 Voltage: 5.1 V ±2%
s Fixed Precision Output 2 Voltage: 8 V ±2%
s Output 1 with Reset Function
s Output 2 with Disable Function by TTL Input
s Short-circuit Protection at both Outputs
s Thermal Protection
s Low Dropout Voltage
DESCRIPTION
The TDA8133 and the TDA8133D are monolithic
dual positive voltage regulators designed to provide
fixed precision output voltages of 5.1 V and 8.0 V
for currents up to 750 mA.
An internal reset circuit generates a reset pulse
when the voltage of Output 1 drops below the
regulated voltage value.
Output 2 can be disabled via the TTL input.
Short-circuit and thermal protections are included in
all versions.
SIP9 (Plastic Package)
ORDER CODE: TDA8133
DIP16 (8 + 8)
ORDER CODE: TDA8133D
9
8
7
6
5
4
3
2
1
OUTPUT1
OUTPUT2
NTBC
RESET
GROUND
DISABLE
DELAY CAPACITOR
INPUT2
INPUT1
1
2
3
4
5
6
7
8
11
12
13
14
15
16
INPUT1
INPUT2
DELAY CAPACITOR
DISABLE
RESET
NTBC
OUTPUT2
OUTPUT1
GROUND
GROUND
GROUND
GROUND
GROUND
GROUND
GROUND
GROUND
10
9
Tab is connected to GROUND


Similar Part No. - TDA8133_03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8133 STMICROELECTRONICS-TDA8133_09 Datasheet
185Kb / 14P
5.1 V and 8 V dual voltage regulator with disable and reset functions
05-Mar-2009
More results

Similar Description - TDA8133_03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4903 STMICROELECTRONICS-L4903 Datasheet
140Kb / 8P
DUAL 5V REGULATOR WITH RESET AND DISABLE FUNCTIONS
Jul-1993
STV8164 STMICROELECTRONICS-STV8164 Datasheet
110Kb / 11P
5 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
STV8130AD STMICROELECTRONICS-STV8130AD Datasheet
135Kb / 12P
ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
logo
Integral Corp.
ILA8137 INTEGRAL-ILA8137 Datasheet
133Kb / 2P
5.1 V 5.1 V REGULATOR WITH DISABLE AND RESET
logo
STMicroelectronics
STV8163 STMICROELECTRONICS-STV8163 Datasheet
113Kb / 11P
3.3 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
Sep-2003
STV8162 STMICROELECTRONICS-STV8162 Datasheet
870Kb / 12P
5 V, 5 V and 8 V Triple-Voltage Regulator with Disable and Reset Functions
Feb-2004
logo
KODENSHI_AUK CORP.
KKA8137 KODENSHI-KKA8137 Datasheet
155Kb / 4P
DUAL 5.1V REGULATOR WITH DISABLE AND RESET
logo
STMicroelectronics
STV8162 STMICROELECTRONICS-STV8162_09 Datasheet
215Kb / 14P
5 V, 5 V and 8 V triple voltage regulator with disable and reset functions
04-Mar-2009
TDA8133 STMICROELECTRONICS-TDA8133_09 Datasheet
185Kb / 14P
5.1 V and 8 V dual voltage regulator with disable and reset functions
05-Mar-2009
TDA8139 STMICROELECTRONICS-TDA8139_V01 Datasheet
188Kb / 14P
Double (5.1 V and adjustable) voltage regulator with reset and disable functions
25-Feb-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com