Electronic Components Datasheet Search
  English  ▼

X  

TDA8133 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA8133
Description  5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8133 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA8133_03 Datasheet HTML 5Page - STMicroelectronics TDA8133_03 Datasheet HTML 6Page - STMicroelectronics TDA8133_03 Datasheet HTML 7Page - STMicroelectronics TDA8133_03 Datasheet HTML 8Page - STMicroelectronics TDA8133_03 Datasheet HTML 9Page - STMicroelectronics TDA8133_03 Datasheet HTML 10Page - STMicroelectronics TDA8133_03 Datasheet HTML 11Page - STMicroelectronics TDA8133_03 Datasheet HTML 12Page - STMicroelectronics TDA8133_03 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9/13
TDA8133/D
POWER DISSIPATION AND LAYOUT INDICATIONS
5
POWER DISSIPATION AND LAYOUT INDICATIONS
The power is mainly dissipated by the two device buffers. It can be calculated by the equation:
P = (VIN1-VO1) x IO1 + (VIN2-VO2) x IO2
The following table lists the different RthJA values of these packages with or without a heat sink and
the corresponding maximum power dissipation assuming:
q
Maximum Ambient Temperature = 70° C
q
Maximum Junction Temperature = 140° C
Device
Heat Sink
RthJA in °C/W
PMAX in W
TDA8133
No
50
1.4
Yes
20
3.5
TDA8133D
No
56 to 40
1.25 to 1.75
Yes
32
2.2
Figure 7: Thermal Resistance (Junction-to-Ambient) of DIP16 Package without Heat Sink
Figure 8: Metal plate mounted near the TDA8133D for heat sinking
Copper area (cm²) (35 µm plus solder) Board is face-down
To optimize the thermal conductivity of the copper
layer and the exchanges with the air, the solder
must cover the maximum amount of this area.
60
40
50
10
12
0
55
45
24
8
6
Test Board with
“On Board” square heat sink area.
Top View
Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com