Electronic Components Datasheet Search
  English  ▼

X  

T835H Datasheet(PDF) 1 Page - STMicroelectronics

Part # T835H
Description  High temperature 8 A Triacs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T835H Datasheet(HTML) 1 Page - STMicroelectronics

  T835H Datasheet HTML 1Page - STMicroelectronics T835H Datasheet HTML 2Page - STMicroelectronics T835H Datasheet HTML 3Page - STMicroelectronics T835H Datasheet HTML 4Page - STMicroelectronics T835H Datasheet HTML 5Page - STMicroelectronics T835H Datasheet HTML 6Page - STMicroelectronics T835H Datasheet HTML 7Page - STMicroelectronics T835H Datasheet HTML 8Page - STMicroelectronics T835H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
April 2007
Rev 1
1/10
10
T835H, T850H
Snubberless™
High temperature 8 A Triacs
Main characteristics
Features
■ Medium current Triac
■ 150° C max. Tj turn-off commutation
■ Low thermal resistance with clip bonding
■ Very high 3 quadrant commutation capability
■ Packages are RoHS (2002/95/EC) compliant
Applications
Especially designed to operate in high power
density or universal motor applications such as
vacuum cleaner and washing machine drum
motor, these 8 A triacs provide a very high
switching capability up to junction temperatures of
150° C.
The heatsink can be reduced, compared to
traditional triacs, according to the high
performance at given junction temperatures.
Description
Available in through-hole or surface mount
packages, the T835H and T850H triac series are
suitable for general purpose mains power AC
switching.
TM: Snubberless is a trademark of STMicroelectronics
Order codes
Symbol
Value
Unit
IT(RMS)
8A
VDRM/VRRM
600
V
IGT
35 or 50
mA
Part Numbers
Marking
T835H-6G
T835H 6G
T850H-6G
T850H 6G
T835H-6G-TR
T835H 6G
T850H-6G-TR
T850H 6G
T835H-6T
T835H 6T
T850H-6T
T850H 6T
T835H-6I
T835H 6I
T850H-6I
T850H 6I
A2
A1
G
A2
A2
A1
G
A2
A2
A1
G
A2
A1
G
D2PAK
T8xxH-6G
TO-220AB
T8xxH-6T
TO-220AB Insulated
T8xxH-6I
www.st.com


Similar Part No. - T835H

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T835H-6G-TR ISC-T835H-6G-TR Datasheet
275Kb / 3P
isc Triacs
T835H-6I ISC-T835H-6I Datasheet
241Kb / 2P
isc Triacs
T835H-8F ISC-T835H-8F Datasheet
240Kb / 2P
isc Triacs
logo
STMicroelectronics
T835H-8G STMICROELECTRONICS-T835H-8G Datasheet
263Kb / 12P
8 A - 800 V - 150 °C 8H Triac in D2PAK
Rev 2 - December 2020
T835H-8G-TR STMICROELECTRONICS-T835H-8G-TR Datasheet
263Kb / 12P
8 A - 800 V - 150 °C 8H Triac in D2PAK
Rev 2 - December 2020
More results

Similar Description - T835H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T2035H STMICROELECTRONICS-T2035H_07 Datasheet
137Kb / 10P
High temperature 20 A Snubberless??TRIACs
15-Nov-2007
T1635H STMICROELECTRONICS-T1635H_07 Datasheet
136Kb / 10P
High temperature 16 A Triacs
29-May-2007
T1035H STMICROELECTRONICS-T1035H Datasheet
135Kb / 10P
High temperature 10 A Triacs
17-Apr-2007
T1235H STMICROELECTRONICS-T1235H_07 Datasheet
136Kb / 10P
High temperature 12 A Triacs
17-Apr-2007
T410H STMICROELECTRONICS-T410H Datasheet
113Kb / 9P
High temperature 4 A sensitive TRIACs
15-May-2009
T610H STMICROELECTRONICS-T610H Datasheet
114Kb / 9P
High temperature 6 A sensitive TRIACs
15-May-2009
T810H STMICROELECTRONICS-T810H Datasheet
124Kb / 10P
High temperature 8 A sensitive TRIACs
15-May-2009
T3050H-6I STMICROELECTRONICS-T3050H-6I Datasheet
127Kb / 9P
Snubberless™high temperature 30 A Triacs
20-Sep-2011
T3035H-6T STMICROELECTRONICS-T3035H-6T Datasheet
127Kb / 9P
Snubberless high temperature 30 A Triacs
20-Sep-2011
logo
Littelfuse
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
16 A High Temperature Alternistor Triacs
07/05/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com