Electronic Components Datasheet Search
  English  ▼

X  

T835H Datasheet(PDF) 4 Page - STMicroelectronics

Part # T835H
Description  High temperature 8 A Triacs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T835H Datasheet(HTML) 4 Page - STMicroelectronics

  T835H Datasheet HTML 1Page - STMicroelectronics T835H Datasheet HTML 2Page - STMicroelectronics T835H Datasheet HTML 3Page - STMicroelectronics T835H Datasheet HTML 4Page - STMicroelectronics T835H Datasheet HTML 5Page - STMicroelectronics T835H Datasheet HTML 6Page - STMicroelectronics T835H Datasheet HTML 7Page - STMicroelectronics T835H Datasheet HTML 8Page - STMicroelectronics T835H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
T835H, T850H
4/10
Figure 3.
RMS on-state current versus
ambient temperature (Epoxy
printed circuit board FR4,
copper thickness = 35 µm)
Figure 4.
Variation of thermal impedance
versus pulse duration
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
25
50
75
100
125
150
I
T(RMS) (A)
α=180 °
D²PAK
S
CU=1 cm²
Tamb(°C)
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
Zth(°C/W)
Zth(j-a)
Zth(j-c)
tP(s)
Figure 5.
On-state characteristics (maximum
values)
Figure 6.
Surge peak on-state current versus
number of cycles
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
ITM(A)
T
j=25 °C
T
j=150 °C
T
j max. :
V
t0 = 0.80 V
R
d = 52 mΩ
VTM(V)
0
10
20
30
40
50
60
70
80
90
1
10
100
1000
I
TSM(A)
Non repetitive
T
j initial=25 °C
Repetitive
T
c=125 °C
One cycle
t=20ms
Number of cycles
Figure 7.
Non-repetitive surge peak on-state
current for a sinusoidal pulse with
width tp < 10 ms and corresponding
value of I2t
Figure 8.
Relative variation of gate trigger
current, holding current and
latching current versus junction
temperature (typical values)
10
100
1000
10000
0.01
0.10
1.00
10.00
I
TSM(A), I²t (A²s)
Tj initial=25 °C
dI/dt limitation: 50 A/µs
I
TSM
I²t
tP(ms)
0.0
0.5
1.0
1.5
2.0
2.5
-40
-20
0
20
40
60
80
100
120
140
160
I
GT,IH,IL [Tj] / IGT,IH,IL [Tj=25°C]
I
GT
I
H & IL
Tj(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com