Electronic Components Datasheet Search
  English  ▼

X  

T835H Datasheet(PDF) 3 Page - STMicroelectronics

Part # T835H
Description  High temperature 8 A Triacs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T835H Datasheet(HTML) 3 Page - STMicroelectronics

  T835H Datasheet HTML 1Page - STMicroelectronics T835H Datasheet HTML 2Page - STMicroelectronics T835H Datasheet HTML 3Page - STMicroelectronics T835H Datasheet HTML 4Page - STMicroelectronics T835H Datasheet HTML 5Page - STMicroelectronics T835H Datasheet HTML 6Page - STMicroelectronics T835H Datasheet HTML 7Page - STMicroelectronics T835H Datasheet HTML 8Page - STMicroelectronics T835H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
T835H, T850H
Characteristics
3/10
Table 3.
Static Characteristics
Symbol
Test Conditions
Value
Unit
VT
(1)
ITM = 11 A, tp = 380 µs
Tj = 25° C
MAX.
1.5
V
Vt0
(1)
Threshold voltage
Tj = 150° C
MAX.
0.80
V
Rd
(1)
Dynamic resistance
Tj = 150° C
MAX.
52
m
Ω
IDRM
IRRM
(2)
VDRM = VRRM
Tj = 25° C
MAX.
5
µA
Tj = 150° C
MAX.
3.1
mA
VD/VR = 400 V (at peak mains voltage) Tj = 150° C
MAX.
2.5
VD/VR = 200 V (at peak mains voltage) Tj = 150° C
MAX.
2.0
1.
for both polarities of A2 referenced to A1.
2.
tp = 380 µs.
Table 4.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
D2PAK / TO-220AB
1.85
° C/W
TO-220AB Ins
3.7
Rth(j-a)
Junction to ambient
S = 1 cm2
D2PAK
45
TO-220AB / TO-220AB Ins
60
Figure 1.
Maximum power dissipation versus
RMS on-state current (full cycle)
Figure 2.
RMS on-state current versus case
temperature (full cycle)
0
1
2
3
4
5
6
7
8
9
10
012345678
P(W)
α=180 °
180°
IT(RMS)(A)
0
1
2
3
4
5
6
7
8
9
0
25
50
75
100
125
150
I
T(RMS) (A)
TO-220AB
Insulated
TO-220AB/D²PAK
TC(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com