Electronic Components Datasheet Search
  English  ▼

X  

AMIS-30521 Datasheet(PDF) 21 Page - AMI SEMICONDUCTOR

Part # AMIS-30521
Description  Micro-stepping Motor Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-30521 Datasheet(HTML) 21 Page - AMI SEMICONDUCTOR

Back Button AMIS-30521 Datasheet HTML 17Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 18Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 19Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 20Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 21Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 22Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 23Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 24Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 25Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
AMIS-30521 Micro-stepping Motor Driver
Data Sheet
EMC[1:0]
Adjusts the dV/dt of the PWM voltage slopes on the motor pins.
Table 25: SPI Control Parameter Overview EMC[1:0]
Index
EMC[1:0]
Slope (V/
µs)
Remark
0
0
0
150
Turn-on and turn-off voltage slope 10% to 90%
1
0
1
100
“
2
1
0
50
“
3
1
1
25
“
SM[2:0]
Selects the micro-stepping mode.
Table 26: SPI Control Parameter Overview SM[2:0]
Index
SM[2:0]
Step Mode
Remark
0
0
0
0
1/
32
Micro-step
1
0
0
1
1/
16
Micro-step
2
0
1
0
1/
8
Micro-step
3
0
1
1
¼
Micro-step
4
1
0
0
½
Uncompensated half-step
5
1
0
1
½
Compensated half-step
6
1
1
0
Full
Full step
7
1
1
1
N/A
For future use
9.4 SPI Status Register Description
All four SPI status registers have Read Access and are default to "0" after power-on or hard reset.
Table 27: SPI Status Register 0
Status Register 0 (SR0)
Address
Structure
Content
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Access
R
R
R
R
R
R
R
R
Reset
0
0
0
0
0
0
0
0
04h
Data
PAR
TW
CPfail
-
OPENX
OPENY
-
-
Where:
R
Read only mode access
Reset
Status after power-pn or hard reset
PAR
Parity check
TW
Thermal warning
Cpfail
Charge pump failure
OPENX
Open Coil X detected
OPENY
Open Coil Y detected
Remark:
Data is not latched
Table 28: SPI Status Register 1
Status Register 1 (SR1)
Address
Structure
Content
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Access
R
R
R
R
R
R
R
R
Reset
0
0
0
0
0
0
0
0
05h
Data
PAR
OVCXPT
OVCXPB
OVCXNT
OVCXNB
-
-
-
Where:
R
Read only mode access
Reset
Status after power-on or hard reset
PAR
Parity check
OVXPT
Over-current detected on X H-bridge: MOTXP terminal, top transistor
OVXPB
Over-current detected on X H-bridge: MOTXP terminal, bottom transistor
OVXNT
Over-current detected on X H-bridge: MOTXN terminal, top transistor
OVXNB
Over-current detected on X H-bridge: MOTXN terminal, bottom transistor
Remark:
Data is latched
21
AMI Semiconductor
– June 2007, M-20683-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com