Electronic Components Datasheet Search
  English  ▼

X  

AMIS-30521 Datasheet(PDF) 7 Page - AMI SEMICONDUCTOR

Part # AMIS-30521
Description  Micro-stepping Motor Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-30521 Datasheet(HTML) 7 Page - AMI SEMICONDUCTOR

Back Button AMIS-30521 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 9Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 10Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 11Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
AMIS-30521 Micro-stepping Motor Driver
Data Sheet
7.0 Typical Application Schematic
AMIS-30521
PC20070604.11
VCP
CPP
CPN
CLR
C7
ERR
GND
CS
CLK
DI
DO
NXT
DIR
MOTXP
MOTXN
MOTYP
MOTYN
M
220 nF
100 nF
C5
VBAT
VDD
VBB
VBB
100 nF
220 nF
100
µF
C2
C3
C6
C1
100 nF
100 nF
C4
SLA
C8
R1
µC
D1
VDD
Figure 5: Typical Application Schematic AMIS-30521
Table 8: External Components List and Description
Component
Function
Typ. Value
Tolerance
Unit
C1
VBB buffer capacitor
(1)
100
-20 +80%
µF
C2, C3
VBB decoupling block capacitor
100
-20 +80%
nF
C4
VDD buffer capacitor
220
+/- 20 %
nF
C5
VDD buffer capacitor
100
+/- 20%
nF
C6
Charge pump buffer capacitor
220
+/- 20%
nF
C7
Charge pump pumping capacitor
220
+/- 20%
nF
C8
Low pass filter SLA
1
+/- 20%
nF
R1
Low pass filter SLA
5.6
+/- 1%
k
Ω
D1
Optional reverse protection diode
e.g. 1N4003
Notes:
(1)
Low ESR < 1Ohm.
7
AMI Semiconductor
– June 2007, M-20683-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com