Electronic Components Datasheet Search
  English  ▼

X  

AMIS-30521 Datasheet(PDF) 6 Page - AMI SEMICONDUCTOR

Part # AMIS-30521
Description  Micro-stepping Motor Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-30521 Datasheet(HTML) 6 Page - AMI SEMICONDUCTOR

Back Button AMIS-30521 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 9Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 10Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
AMIS-30521 Micro-stepping Motor Driver
Data Sheet
6.4 AC Parameters
The AC parameters are given for VBB and temperature in their operating ranges.
Table 6: AC Parameters
Symbol
Pin(s)
Parameter
Remark/Test Conditions
Min.
Typ.
Max.
Unit
Internal Oscillator
fosc
Frequency of internal oscillator
3.6
4
4.4
MHz
Motordriver
PWM frequency
20.8
22.8
24.8
kHz
fPWM
Double PWM frequency
Frequency depends only on
internal oscillator
41.6
45.6
49.6
kHz
fj
PWM Jitter frequency
tbd
Hz
fd
MOTxx
PWM Jitter depth
tbd
% fPWM
EMC[1:0] = 00
150
V/µs
EMC[1:0] = 01
100
V/µs
EMC[1:0] = 10
50
V/µs
Tbrise
MOTxx turn-on voltage slope, 10% to 90%
EMC[1:0] = 11
25
V/µs
EMC[1:0] = 00
150
V/µs
EMC[1:0] = 01
100
V/µs
EMC[1:0] = 10
50
V/µs
Tbfall
MOTxx turn-off voltage slope, 90% to 10%
EMC[1:0] = 11
25
V/µs
Digital Outputs
TH2L
DO
ERRB
Output fall-time from VinH to VinL
Capacitive load 400pF and pull-
up resistor of 1.5 k
Ω
50
ns
Charge Pump
fCP
CPN CPP Charge pump frequency
250
kHz
TCPU
MOTxx Start-up time of charge pump
Spec external components
CLR Function
TCLR
CLR
Hard reset duration time
20
90
µs
6.5 SPI Timing
Table 7: SPI Timing Parameters
Symbol
Parameter
Min.
Typ.
Max.
Unit
tCLK
SPI clock period
1
µs
tCLK_HIGH
SPI clock high time
100
ns
tCLK_LOW
SPI clock low time
100
ns
tSET_DI
DI set up time, valid data before rising edge of CLK
50
ns
tHOLD_DI
DI hold time, hold data after rising edge of CLK
50
ns
tCSB_HIGH
CSB high time
2.5
µs
tSET_CSB
CSB set up time, CSB low before rising edge of CLK
100
ns
tSET_CLK
CLK set up time, CLK low before rising edge of CSB
100
ns
DI
VALID
CLK
tSET_CSB
PC20070608.1
CS
tCLK
tCLK_HI
tCLK_LO
tSET_DI
tHOLD_DI
tSET_CLK
0,2 VCC
0,8 VCC
0,2 VCC
0,2 VCC
0,2 VCC
0,8 VCC
Figure 4: SPI Timing
6
AMI Semiconductor
– June 2007, M-20683-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com