Electronic Components Datasheet Search
  English  ▼

X  

AMIS-30521 Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # AMIS-30521
Description  Micro-stepping Motor Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-30521 Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  AMIS-30521 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
AMIS-30521 Micro-stepping Motor Driver
Data Sheet
6.0 Electrical Specification
6.1 Absolute Maximum Ratings
Stresses above those listed in table below may cause immediate and permanent device failure. It is not implied that more that one of
these conditions can be applied simultaneously.
Table 3: Absolute Maximum Ratings
Symbol
Parameter
Min.
Max.
Units
VBB
Analog DC supply voltage
(1)
-0.3
+40
V
VDD
Logic supply voltage
-0.3
+7.0
V
Tstrg
Storage temperature
-55
+160
°C
Tamb
Ambient temperature under bias
-50
+150
°C
VESD
Electrostatic discharges on component level
(2)
-2
+2
kV
Notes:
(1)
For limited time <0.5s.
(2)
Human body model (100pF via 1.5 kΩ, according to JEDEC EIA-JESD22-A114-B).
6.2 Recommend Operation Conditions
Operating ranges define the limits for functional operation and parametric characteristics of the device. Note that the functionality of the
chip outside these operating ranges is not guaranteed. Operating outside the recommended operating ranges for extended periods of
time may affect device reliability.
Table 4: Operating Ranges
Symbol
Parameter
Min.
Max.
Unites
VBB
Analog DC supply
+6
+30
V
VDD
Logic supply voltage
4.75
5.25
V
Iddd
Dynamic current
(1)
18
mA
Ta
Ambient temperature VBAT
≤+18
-40
+125
°C
Ta
Ambient temperature VBAT
≤+29
-40
+85
°C
Tj
Junction temperature
+160
°C
Notes:
(1)
Dynamic current is with oscillator running, all analogue cells active. All outputs unloaded, no floating inputs.
4
AMI Semiconductor
– June 2007, M-20683-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com