Electronic Components Datasheet Search
  English  ▼

X  

AMIS-30521 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # AMIS-30521
Description  Micro-stepping Motor Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-30521 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  AMIS-30521 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-30521 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
AMIS-30521 Micro-stepping Motor Driver
Data Sheet
1
2
3
5
4
6
7
8
24
23
22
20
21
19
18
17
910
11
12
13
14
15
16
32
31
30
29
28
27
26
25
DI
ERR
GND
GND
MOTYN
CLK
DIR
NXT
SLA
AMIS-30521
PC20070309.2
GND
GND
GND
MOTYN
MOTXN
MOTXN
Figure 2: Pin Out AMIS-30521
5.1 Package Thermal Characteristics
The NQFP is designed to provide superior thermal performance, and using an exposed die pad on the bottom surface of the package
partly contributes to this. In order to take full advantage of this thermal performance, the PCB must have features to conduct heat away
from the package. A thermal grounded pad with thermal vias can achieve this. With a layout as shown in Figure 3: PCB Ground Plane
Layout Condition, the thermal resistance junction – to – ambient can be brought down to a level of 30°C/W.
Figure 3: PCB Ground Plane Layout Condition
NQFP-32
PC20041128.2
3
AMI Semiconductor
– June 2007, M-20683-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com