Electronic Components Datasheet Search
  English  ▼

X  

ST72F321BAR7TCRE Datasheet(PDF) 106 Page - STMicroelectronics

Part # ST72F321BAR7TCRE
Description  8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F321BAR7TCRE Datasheet(HTML) 106 Page - STMicroelectronics

Back Button ST72F321BAR7TCRE Datasheet HTML 102Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 103Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 104Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 105Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 106Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 107Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 108Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 109Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 247 page
background image
16-bit timer
ST72321Bxxx-Auto
106/247
16-bit read sequence
The 16-bit read sequence (from either the Counter Register or the Alternate Counter
Register) is illustrated in Figure 42.
Figure 42.
16-bit read sequence
The user must read the MS Byte first; the LS Byte value is then buffered automatically.
This buffered value remains unchanged until the 16-bit read sequence is completed, even if
the user reads the MS Byte several times.
After a complete reading sequence, if only the CLR register or ACLR register are read, they
return the LS Byte of the count value at the time of the read.
Whatever timer mode is used (input capture, output compare, one pulse mode or PWM
mode) an overflow occurs when the counter rolls over from FFFFh to 0000h, after which
●
the TOF bit of the SR register is set
●
a timer interrupt is generated if
–
the TOIE bit of the CR1 register is set and
–
the I bit of the CC register is cleared
If one of these conditions is false, the interrupt remains pending to be issued as soon as
they are both true.
Clearing the overflow interrupt request is done in two steps:
1.
Reading the SR register while the TOF bit is set
2.
An access (read or write) to the CLR register
Note:
The TOF bit is not cleared by accesses to ACLR register. The advantage of accessing the
ACLR register rather than the CLR register is that it allows simultaneous use of the overflow
function and reading the free running counter at random times (for example, to measure
elapsed time) without the risk of clearing the TOF bit erroneously.
The timer is not affected by Wait mode.
In Halt mode, the counter stops counting until the mode is exited. Counting then resumes
from the previous count (MCU awakened by an interrupt) or from the reset count (MCU
awakened by a Reset).
is buffered
Read
At t0
Read
Returns the buffered
LS Byte value at t0
At t0 +Dt
Other
instructions
Beginning of the sequence
Sequence completed
LS Byte
LS Byte
MS Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com