Electronic Components Datasheet Search
  English  ▼

X  

ST72F321BAR7TCRE Datasheet(PDF) 107 Page - STMicroelectronics

Part # ST72F321BAR7TCRE
Description  8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F321BAR7TCRE Datasheet(HTML) 107 Page - STMicroelectronics

Back Button ST72F321BAR7TCRE Datasheet HTML 103Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 104Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 105Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 106Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 107Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 108Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 109Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 110Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 247 page
background image
ST72321Bxxx-Auto
16-bit timer
107/247
13.3.2
External clock
The external clock (where available) is selected if CC0 = 1 and CC1 = 1 in the CR2 register.
The status of the EXEDG bit in the CR2 register determines the type of level transition on
the external clock pin EXTCLK that will trigger the free running counter.
The counter is synchronized with the falling edge of the internal CPU clock.
A minimum of four falling edges of the CPU clock must occur between two consecutive
active edges of the external clock; thus, the external clock frequency must be less than a
quarter of the CPU clock frequency.
Figure 43.
Counter timing diagram, internal clock divided by 2
Figure 44.
Counter timing diagram, internal clock divided by 4
Figure 45.
Counter timing diagram, internal clock divided by 8
Note:
The MCU is in reset state when the internal reset signal is high; when it is low the MCU is
running.
CPU CLOCK
FFFD FFFE FFFF 0000
0001
0002
0003
INTERNAL RESET
TIMER CLOCK
COUNTER REGISTER
TIMER OVERFLOW FLAG (TOF)
FFFC
FFFD
0000
0001
CPU CLOCK
INTERNAL RESET
TIMER CLOCK
COUNTER REGISTER
TIMER OVERFLOW FLAG (TOF)
CPU CLOCK
INTERNAL RESET
TIMER CLOCK
COUNTER REGISTER
TIMER OVERFLOW FLAG (TOF)
FFFC
FFFD
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com