Electronic Components Datasheet Search
  English  ▼

X  

L6226Q Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6226Q
Description  DMOS dual full bridge driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226Q Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6226Q Datasheet HTML 12Page - STMicroelectronics L6226Q Datasheet HTML 13Page - STMicroelectronics L6226Q Datasheet HTML 14Page - STMicroelectronics L6226Q Datasheet HTML 15Page - STMicroelectronics L6226Q Datasheet HTML 16Page - STMicroelectronics L6226Q Datasheet HTML 17Page - STMicroelectronics L6226Q Datasheet HTML 18Page - STMicroelectronics L6226Q Datasheet HTML 19Page - STMicroelectronics L6226Q Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Application information
L6226Q
16/28
5
Application information
A typical application using L6226Q is shown in Figure 12. Typical component values for the
application are shown in Table 8. A high quality ceramic capacitor in the range of 100 to 200
nF should be placed between the power pins (VSA and VSB) and ground near the L6226Q
to improve the high frequency filtering on the power supply and reduce high frequency
transients generated by the switching. The capacitors connected from the ENA/OCDA and
ENB/OCDB nodes to ground set the shut down time for the bridge A and bridge B
respectively when an over current is detected (see overcurrent protection). The two current
sources (SENSEA and SENSEB) should be connected to power ground with a trace length
as short as possible in the layout. To increase noise immunity, unused logic pins are best
connected to 5 V (high logic level) or GND (low logic level) (see pin description). It is
recommended to keep power ground and Signal Ground separated on PCB.
Table 8.
Component values for typical application
Component
Value
C1
100
µF
C2
100
µF
CBOOT
220
µF
CP
10
µF
CENA
5.6
µF
CENB
5.6
µF
CREF
68
µF
D1
1N4148
D2
1N4148
RCLA
5 k
RCLB
5 k
RENA
100 k
RENB
100 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com