Electronic Components Datasheet Search
  English  ▼

X  

L6226Q Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6226Q
Description  DMOS dual full bridge driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226Q Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6226Q Datasheet HTML 15Page - STMicroelectronics L6226Q Datasheet HTML 16Page - STMicroelectronics L6226Q Datasheet HTML 17Page - STMicroelectronics L6226Q Datasheet HTML 18Page - STMicroelectronics L6226Q Datasheet HTML 19Page - STMicroelectronics L6226Q Datasheet HTML 20Page - STMicroelectronics L6226Q Datasheet HTML 21Page - STMicroelectronics L6226Q Datasheet HTML 22Page - STMicroelectronics L6226Q Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
L6226Q
Paralleled operation
19/28
Figure 13.
Parallel connection for higher current
To operate the device in parallel and maintain a lower over current threshold, half bridge 1
and the half bridge 2 of the bridge A can be connected in parallel and the same done for the
bridge B as shown in Figure 14. In this configuration, the peak current for each half bridge is
still limited by the bond wires for the supply and sense pins so the dissipation in the device
will be reduced, but the peak current rating is not increased.
When connected in this configuration the over current detection circuit, senses the sum of
the current in upper devices connected in parallel. With the enables connected in parallel,
an over current will turn of both bridges. Since the circuit senses the total current in the
upper devices, the over current threshold is equal to the threshold set the resistor RCLA or
RCLB in Figure 14. RCLA sets the threshold when outputs OUT1A and OUT2A are high and
resistor RCLB sets the threshold when outputs OUT1B and OUT2B are high.
It is recommended to use RCLA = RCLB.
In this configuration, the resulting bridge has the following characteristics.
●
Equivalent device: FULL BRIDGE
●
RDS(on) 0.37 Ω typ. value @ TJ = 25 °C
●
1.4 A max RMS load current
●
2.8 A max OCD threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com