Electronic Components Datasheet Search
  English  ▼

X  

L6226Q Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6226Q
Description  DMOS dual full bridge driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226Q Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6226Q Datasheet HTML 14Page - STMicroelectronics L6226Q Datasheet HTML 15Page - STMicroelectronics L6226Q Datasheet HTML 16Page - STMicroelectronics L6226Q Datasheet HTML 17Page - STMicroelectronics L6226Q Datasheet HTML 18Page - STMicroelectronics L6226Q Datasheet HTML 19Page - STMicroelectronics L6226Q Datasheet HTML 20Page - STMicroelectronics L6226Q Datasheet HTML 21Page - STMicroelectronics L6226Q Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Paralleled operation
L6226Q
18/28
6
Paralleled operation
The outputs of the L6226Q can be paralleled to increase the output current capability or
reduce the power dissipation in the device at a given current level. It must be noted,
however, that the internal wire bond connections from the die to the power or sense pins of
the package must carry current in both of the associated half bridges. When the two halves
of one full bridge (for example OUT1A and OUT2A) are connected in parallel, the peak
current rating is not increased since the total current must still flow through one bond wire on
the power supply or sense pin. In addition the over current detection senses the sum of the
current in the upper devices of each bridge (A or B) so connecting the two halves of one
bridge in parallel does not increase the over current detection threshold.
For most applications the recommended configuration is half bridge 1 of bridge A paralleled
with the half bridge 1 of the bridge B, and the same for the half bridges 2 as shown in
Figure 13. The current in the two devices connected in parallel will share very well since the
RDS(on) of the devices on the same die is well matched.
When connected in this configuration the over current detection circuit, which senses the
current in each bridge (A and B), will sense the current in upper devices connected in
parallel independently and the sense circuit with the lowest threshold will trip first. With the
enables connected in parallel, the first detection of an over current in either upper DMOS
device will turn of both bridges. Assuming that the two DMOS devices share the current
equally, the resulting over current detection threshold will be twice the minimum threshold
set by the resistors RCLA or RCLB in Figure 13. It is recommended to use RCLA = RCLB.
In this configuration the resulting bridge has the following characteristics.
●
Equivalent device: full bridge
●
RDS(on) 0.37 Ω typ. value @ TJ = 25 °C
●
2.8 A max RMS load current
●
5.6 A max OCD threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com