Electronic Components Datasheet Search
  English  ▼

X  

L6226Q Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6226Q
Description  DMOS dual full bridge driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226Q Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6226Q Datasheet HTML 20Page - STMicroelectronics L6226Q Datasheet HTML 21Page - STMicroelectronics L6226Q Datasheet HTML 22Page - STMicroelectronics L6226Q Datasheet HTML 23Page - STMicroelectronics L6226Q Datasheet HTML 24Page - STMicroelectronics L6226Q Datasheet HTML 25Page - STMicroelectronics L6226Q Datasheet HTML 26Page - STMicroelectronics L6226Q Datasheet HTML 27Page - STMicroelectronics L6226Q Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Package mechanical data
L6226Q
24/28
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com
Note:
1
VFQFPN stands for thermally enhanced very thin profile fine pitch quad flat package no
lead. Very thin profile: 0.80 < A = 1.00 mm.
2
Details of terminal 1 are optional but must be located on the top surface of the package by
using either a mold or marked features.
Table 9.
VFQFPN32 5x5x1.0 pitch 0.50
Dim.
Databook (mm)
Min
Typ
Max
A
0.80
0.85
0.95
b
0.18
0.25
0.30
b1
0.165
0.175
0.185
D
4.85
5.00
5.15
D2
3.00
3.10
3.20
D3
1.10
1.20
1.30
E
4.85
5.00
5.15
E2
4.20
4.30
4.40
E3
0.60
0.70
0.80
e0.50
L
0.30
0.40
0.50
ddd
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com