Electronic Components Datasheet Search
  English  ▼

X  

AD9115 Datasheet(PDF) 46 Page - Analog Devices

Part # AD9115
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9115 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9115 Datasheet HTML 40Page - Analog Devices AD9115 Datasheet HTML 41Page - Analog Devices AD9115 Datasheet HTML 42Page - Analog Devices AD9115 Datasheet HTML 43Page - Analog Devices AD9115 Datasheet HTML 44Page - Analog Devices AD9115 Datasheet HTML 45Page - Analog Devices AD9115 Datasheet HTML 46Page - Analog Devices AD9115 Datasheet HTML 47Page - Analog Devices AD9115 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
AD9114/AD9115/AD9116/AD9117
Rev. 0 | Page 46 of 48
Note that LO feedthrough compensation is independent of
phase compensation. However, gain compensation could affect
the LO compensation because the gain compensation may change
the common-mode level of the signal. The dc offset of some
modulators is common-mode level dependent. Therefore, it is
recommended that the gain adjustment be performed prior to
LO compensation.
LO FEEDTHROUGH COMPENSATION
To achieve LO feedthrough compensation in a circuit, each
output of the two AUXDACs must be connected through a
10 kΩ resistor to one side of the differential DAC output.
See the Auxiliary DAC
s section for details of how to use
AUXDACs. The purpose of these connections is to drive a
very small amount of current into the nodes at the quadrature
modulator inputs, therefore adding a slight dc bias to one or
the other of the quadrature modulator signal inputs.
To achieve LO feedthrough compensation, the user should
start with the default conditions of the AUXDAC registers,
then increment the magnitude of one or the other AUXDAC
output voltages. While this is being done, the amplitude of the
LO feedthrough at the quadrature modulator output should be
sensed. If the LO feedthrough amplitude increases, try either
decreasing the output voltage of the AUXDAC being adjusted,
or try adjusting the output voltage of the other AUXDAC. It
may take practice before an effective algorithm is achieved.
Using the AD9114/AD9115/AD9116/AD9117 evaluation
board, the LO feedthrough can typically be adjusted down to
the noise floor, although this is not stable over temperature.
RESULTS OF GAIN AND OFFSET CORRECTION
The results of gain and offset correction can be seen in Figure 95
and Figure 96. Figure 95 shows the output spectrum of the
quadrature demodulator before gain and offset correction.
Figure 96 shows the output spectrum after correction. The
LO feedthrough spur at 450 MHz has been suppressed to the
noise level. This result can be achieved by applying the correc-
tion, but the correction needs to be repeated after a large change
in temperature.
Note that gain matching improves the negative frequency
image rejection, but it is also related to the phase mismatch in
the quadrature modulator. It can be improved by adjusting the
relative phase between the two quadrature signals at the digital
side or properly designing the low-pass filter between the DACs
and quadrature modulators. Phase mismatch is frequency depen-
dent, so routines have to be developed to adjust it if wideband
signals are desired.
5
–5
–15
–25
–35
–45
–55
–65
–75
–85
–95
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
447.5
449.0
450.0
451.0
452.5
FREQUENCY (MHz)
Figure 95. AD9114/AD9115/AD9116/AD9117 and ADL5370 with a Single-
Tone Signal at 450 MHz, No Gain or LO Compensation
5
–5
–15
–25
–35
–45
–55
–65
–75
–85
–95
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
447.5
449.0
450.0
451.0
452.5
FREQUENCY (MHz)
Figure 96. AD9114/AD9115/AD9116/AD9117 and ADL5370 with a Single-
Tone Signal at 450 MHz, Gain and LO Compensation Optimized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com