Electronic Components Datasheet Search
  English  ▼

X  

AD9115 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9115
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9115 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9115 Datasheet HTML 24Page - Analog Devices AD9115 Datasheet HTML 25Page - Analog Devices AD9115 Datasheet HTML 26Page - Analog Devices AD9115 Datasheet HTML 27Page - Analog Devices AD9115 Datasheet HTML 28Page - Analog Devices AD9115 Datasheet HTML 29Page - Analog Devices AD9115 Datasheet HTML 30Page - Analog Devices AD9115 Datasheet HTML 31Page - Analog Devices AD9115 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
AD9114/AD9115/AD9116/AD9117
Rev. 0 | Page 28 of 48
CVDD
DVDD
AVDD @ 4mA OUT
AVDD @ 8mA OUT
TOTAL CURRENT @ 4mA OUT
TOTAL CURRENT @ 8mA OUT
40
30
20
10
0
0
20
40
60
80
100
120
140
fOUT (MHz)
START 1MHz
1.5MHz/
STOP 16MHz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
Figure 72. AD9117 Two Tones at 1.8 V
Figure 74. Supply Current vs. fOUT
START 1MHz
1.5MHz/
STOP 16MHz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
Figure 73. AD9117 Two Tones at 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com