Electronic Components Datasheet Search
  English  ▼

X  

AD9115 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9115
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9115 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9115 Datasheet HTML 20Page - Analog Devices AD9115 Datasheet HTML 21Page - Analog Devices AD9115 Datasheet HTML 22Page - Analog Devices AD9115 Datasheet HTML 23Page - Analog Devices AD9115 Datasheet HTML 24Page - Analog Devices AD9115 Datasheet HTML 25Page - Analog Devices AD9115 Datasheet HTML 26Page - Analog Devices AD9115 Datasheet HTML 27Page - Analog Devices AD9115 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
AD9114/AD9115/AD9116/AD9117
Rev. 0 | Page 24 of 48
–70
–65
–60
–55
20
15
25
30
35
40
fOUT (MHz)
4mA
8mA
Figure 48. AD9117 2-Carrier W-CDMA Second Adjacent Channel ACLR 1.8 V
–68
–66
–64
–62
–60
20
25
30
35
40
fOUT (MHz)
4mA
8mA
Figure 49. AD9117 2-Carrier W-CDMA Third Adjacent Channel ACLR 1.8 V
20
25
30
35
40
FOUT (MHz)
4mA
8mA
16mA
–75
–70
–65
–60
Figure 50. AD9117 2-Carrier W-CDMA First Adjacent Channel ACLR 3.3 V
15
20
25
30
35
40
fOUT (MHz)
4mA
8mA
16mA
–75
–70
–65
–60
Figure 51. AD9117 2-Carrier W-CDMA Second Adjacent Channel ACLR 3.3 V
15
20
25
30
35
40
fOUT (MHz)
4mA
8mA
16mA
–75
–70
–65
–60
Figure 52. AD9117 2-Carrier W-CDMA Third Adjacent Channel ACLR 3.3 V
45
50
55
60
65
70
75
80
85
90
5
1015
202530354045
50
0dB
–3dB
–6dB
fOUT (MHz)
Figure 53. IMD at Three Digital Signal Levels, 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com