Electronic Components Datasheet Search
  English  ▼

X  

AD9115 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9115
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9115 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9115 Datasheet HTML 13Page - Analog Devices AD9115 Datasheet HTML 14Page - Analog Devices AD9115 Datasheet HTML 15Page - Analog Devices AD9115 Datasheet HTML 16Page - Analog Devices AD9115 Datasheet HTML 17Page - Analog Devices AD9115 Datasheet HTML 18Page - Analog Devices AD9115 Datasheet HTML 19Page - Analog Devices AD9115 Datasheet HTML 20Page - Analog Devices AD9115 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
AD9114/AD9115/AD9116/AD9117
Rev. 0 | Page 17 of 48
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD, DVDD, DVDDIO, CVDD = 1.8 V, IOUTFS = 8 mA, maximum sample rate (125 MSPS), unless otherwise noted.
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–2.0
–1.5
0
2048
4096
6144
8192
10240 12288 14336 16384
CODE
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–2.0
–1.5
0
2048
4096
6144
8192
10240 12288 14336 16384
CODE
Figure 6. AD9117 Precalibration INL at 1.8 V, 8 mA
Figure 9. AD9117 Postcalibration INL at 1.8 V, 8 mA
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–2.0
–1.5
0
2048
4096
6144
8192
10240 12288 14336 16384
CODE
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–2.0
–1.5
0
2048
4096
6144
8192
10240 12288 14336 16384
CODE
Figure 7. AD9117 Precalibration DNL at 1.8 V, 8 mA
Figure 10. AD9117 Postcalibration DNL at 1.8 V, 8 mA
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
2048
4096
6144
8192
10240 12288 14336 16384
CODE
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
2048
4096
6144
8192
10240 12288 14336 16384
CODE
Figure 8. AD9117 Precalibration INL at 3.3 V, 20 mA
Figure 11. AD9117 Postcalibration INL at 3.3 V, 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com