Electronic Components Datasheet Search
  English  ▼

X  

AD9115 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9115
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9115 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9115 Datasheet HTML 30Page - Analog Devices AD9115 Datasheet HTML 31Page - Analog Devices AD9115 Datasheet HTML 32Page - Analog Devices AD9115 Datasheet HTML 33Page - Analog Devices AD9115 Datasheet HTML 34Page - Analog Devices AD9115 Datasheet HTML 35Page - Analog Devices AD9115 Datasheet HTML 36Page - Analog Devices AD9115 Datasheet HTML 37Page - Analog Devices AD9115 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
AD9114/AD9115/AD9116/AD9117
Rev. 0 | Page 34 of 48
SPI REGISTER DESCRIPTIONS
Reading these registers returns previously written values for all defined register bits, unless otherwise noted.
Table 14.
Register
Address
Bit
Name
Function
SPI Control
0x00
6
LSBFIRST
0: MSB first per SPI standard
1: LSB first per SPI standard
Note that the user must always change the LSB/MSB order in single-byte instructions
to avoid erratic behavior due to bit order errors
5
RESET
Execute software reset of SPI and controllers, reload default register values except
Register 0x00
1: Set software reset; write 0 on the next (or any following) cycle to release the reset
4
LNGINS
0: The SPI instruction word utilizes a 5-bit address
1: The SPI instruction word utilizes a 13-bit address
Power Down
0x01
7
LDOOFF
1: Turn core LDO voltage regulator off
6
LDOSTAT
0: Indicates core LDO voltage regulator is off
1: Indicates core LDO voltage regulator is on
5
PWRDN
1: Powers down all analog and digital circuitry except for SPI logic
4
Q DACOFF
1: Turns off Q DAC output current
3
I DACOFF
1: Turns off I DAC output current
2
QCLKOFF
1: Turns off Q DAC clock
1
ICLKOFF
1: Turns off I DAC clock
0
EXTREF
1: Powers down internal voltage reference (external reference required)
Data Control
0x02
7
TWOS
0: Unsigned binary input data format
1: Twos complement input data format
5
IFIRST
0: Pairing of data—Q first of pair on data input pads
1: Pairing of data—I first of pair on data input pads (default)
4
IRISING
0: Q data latched on DCLKIO rising edge
1: I data latched on DCLKIO falling edge (default)
3
SIMULBIT
0: Allows simultaneous input and output enable on DCLKIO
1: Disallows simultaneous input and output enable on DCLKIO
2
DCI_EN
Controls the use of DCLKIO pad for data clock input
0: Data clock input disabled
1: Data clock input enabled (default)
1
DCOSGL
Controls the use of DCLKIO pad for data clock output
0: Data clock output disabled
1: Data clock output enabled; regular strength driver
0
DCODBL
Controls the use of DCLKIO pad for data clock output
0: DCOBL data clock output disabled
1: DCOBL data clock output enabled; paralleled with DCOSGL for 2× drive current
I DAC Gain
0x03
5:0
I DACGAIN[5:0]
DAC I fine gain adjustment; alters the full-scale current as shown in Figure 85
IRSET
0x04
7
IRSETEN
1: Enables the on-chip RSET value to be changed
5:0
IRSET[5:0]
Changes the value of the on-chip RSET resistor; this scales the full-scale current of the
DAC in ~0.25 dB steps (nonlinear); see Figure 84
000000: RSET = 5 kΩ
100000: RSET = 1.5 kΩ
111111: RSET = 8.5 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com