Electronic Components Datasheet Search
  English  ▼

X  

FSFR2000 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSFR2000
Description  Power Switch (FPS?? for Half-Bridge Resonant Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSFR2000 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSFR2000 Datasheet HTML 1Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 2Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 3Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 4Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 5Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 6Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 7Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 8Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSFR series • 1.0.3
3
Pin Configuration
1
2
3 4 5 6 7 8
9
10
V
DL
CON
R
T
CS
SG
PG
LVcc
HVcc
V
CTR
Figure 3. Package Diagram
Pin Definitions
Pin #
Name
Description
1
VDL
This is the drain of the high-side MOSFET, typically connected to the input DC link voltage.
2
CON
This pin is for enable/disable and protection. When the voltage of this pin is above 0.6V, the
IC operation is enabled. When the voltage of this pin drops below 0.4V, gate drive signals
for both MOSFETs are disabled. When the voltage of this pin increases above 5V,
protection is triggered.
3
RT
This pin programs the switching frequency. Typically, an opto-coupler is connected to
control the switching frequency for the output voltage regulation.
4
CS
This pin senses the current flowing through the low-side MOSFET. Typically, negative
voltage is applied on this pin.
5
SG
This pin is the control ground.
6
PG
This pin is the power ground. This pin is connected to the source of the low-side MOSFET.
7
LVCC
This pin is the supply voltage of the control IC.
8
NC
No connection.
9
HVCC
This is the supply voltage of the high-side gate-drive circuit IC.
10
VCTR
This is the drain of the low-side MOSFET. Typically, a transformer is connected to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com