Electronic Components Datasheet Search
  English  ▼

X  

FSFR2000 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSFR2000
Description  Power Switch (FPS?? for Half-Bridge Resonant Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSFR2000 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSFR2000 Datasheet HTML 1Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 2Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 3Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 4Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 5Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 6Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 7Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 8Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
May 2008
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSFR series • 1.0.3
FSFR-Series — Fairchild Power Switch (FPS™)
for Half-Bridge Resonant Converters
Features
Variable Frequency Control with 50% Duty Cycle
for Half-bridge Resonant Converter Topology
High Efficiency through Zero Voltage Switching (ZVS)
Internal SuperFET™s with Fast-Recovery Type
Body Diode (trr=120ns) for FSFR2100 and UniFETs
with Fast-Recovery Type Body Diode (trr<160ns) for
FSFR2000/1900/1800/1700.
Fixed Dead Time (350ns) Optimized for MOSFETs
Up to 300kHz Operating Frequency
Pulse Skipping for Frequency Limit (Programmable)
at Light-Load Condition
Remote On/Off Control Using Control Pin
Protection Functions: Over-Voltage Protection
(OVP), Over-Load Protection (OLP), Over-Current
Protection (OCP), Abnormal Over-Current Protection
(AOCP), Internal Thermal Shutdown (TSD)
Applications
PDP and LCD TVs
Desktop PCs and servers
Adapters
Telecom Power Supplies
Audio Power Supplies
Description
The FSFR-series are a highly integrated power switches
designed
for
high-efficiency
half-bridge
resonant
converters. Offering everything necessary to build a
reliable and robust resonant converter, the FSFR-series
simplifies designs and improves productivity, while
improving performance. The FSFR-series combines
power MOSFETs with fast-recovery type body diodes, a
high-side
gate-drive
circuit,
an
accurate
current
controlled oscillator, frequency limit circuit, soft-start, and
built-in protection functions. The high-side gate-drive
circuit
has
a
common-mode
noise
cancellation
capability, which guarantees stable operation with
excellent noise immunity. The fast-recovery body diode
of the MOSFETs improves reliability against abnormal
operation conditions, while minimizing the effect of the
reverse recovery. Using the zero-voltage-switching (ZVS)
technique dramatically reduces the switching losses and
efficiency is significantly improved. The ZVS also
reduces the switching noise noticeably, which allows a
small-sized Electromagnetic Interference (EMI) filter.
The FSFR-series can be applied to various resonant
converter topologies such as series resonant, parallel
resonant, and LLC resonant converters.
Related Resources
AN4151 — Half-bridge LLC Resonant Converter Design
using FSFR-series Fairchild Power Switch (FPS
TM)
Ordering Information
Part
Number
Package
Operating
Junction
Temperature
RDS(ON_MAX)
Maximum Output Power
without Heatsink
(VIN=350~400V)
(1,2)
Maximum Output
Power with Heatsink
(VIN=350~400V)
(1,2)
FSFR2100
0.38
Ω
200W
450W
FSFR2000
0.67
Ω
160W
350W
FSFR1900
0.85
Ω
140W
300W
FSFR1800
0.95
Ω
120W
260W
FSFR1700
9-SIP
-40 to +130°C
1.25
Ω
100W
200W
Notes:
1.
The junction temperature can limit the maximum output power.
2.
Maximum practical continuous power in an open-frame design at 50
°C ambient.
All standard Fairchild Semiconductor products are RoHS compliant and many are also “GREEN” or going green. For Fairchild’s
definition of “green” please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.


Similar Part No. - FSFR2000

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSFR2000 FAIRCHILD-FSFR2000 Datasheet
812Kb / 18P
Fairchild Power Switch (FPS) for Half-Bridge Resonant Converters
FSFR20003 FAIRCHILD-FSFR20003 Datasheet
650Kb / 16P
Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converter
More results

Similar Description - FSFR2000

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSFR2100 FAIRCHILD-FSFR2100 Datasheet
650Kb / 16P
Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converter
FSFA2100 FAIRCHILD-FSFA2100 Datasheet
688Kb / 16P
Power Switch (FPS?? for Half-Bridge PWM Converters
FAN7621 FAIRCHILD-FAN7621 Datasheet
1Mb / 17P
PFM Controller for Half-Bridge Resonant Converters
FSFR2100U FAIRCHILD-FSFR2100U_10 Datasheet
812Kb / 18P
Fairchild Power Switch (FPS) for Half-Bridge Resonant Converters
FAN7621B FAIRCHILD-FAN7621B Datasheet
1,021Kb / 17P
PFM Controller for Half-Bridge Resonant Converters
FAN7621S FAIRCHILD-FAN7621S Datasheet
803Kb / 13P
PFM Controller for Half-Bridge Resonant Converters
FAN7621 FAIRCHILD-FAN7621_10 Datasheet
636Kb / 17P
PFM Controller for Half-Bridge Resonant Converters
FSFR1700XS FAIRCHILD-FSFR1700XS Datasheet
915Kb / 14P
Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR1800US FAIRCHILD-FSFR1800US Datasheet
574Kb / 15P
FSFR-US Series ??Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converters
logo
ON Semiconductor
FAN7621 ONSEMI-FAN7621 Datasheet
713Kb / 17P
PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com