Electronic Components Datasheet Search
  English  ▼

X  

FSFR2000 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSFR2000
Description  Power Switch (FPS?? for Half-Bridge Resonant Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSFR2000 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSFR2000 Datasheet HTML 2Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 3Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 4Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 5Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 6Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 7Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 8Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 9Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSFR series • 1.0.3
6
Electrical Characteristics
TA=25°C unless otherwise specified.
Specifications
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
MOSFET Section
ID=200μA, TA=25°C
600
FSFR2100
ID=200μA, TA=125°C
650
ID=200μA, TA=25°C
500
BVDSS
Drain-to-Source
Breakdown Voltage
All Others
ID=200μA, TA=125°C
540
V
FSFR2100
VGS=10V, ID=5.5A
0.32
0.38
FSFR2000
VGS=10V, ID=5.0A
0.53
0.67
FSFR1900
VGS=10V, ID=4.0A
0.74
0.85
FSFR1800
VGS=10V, ID=3.0A
0.77
0.95
RDS(ON)
On-State Resistance
FSFR1700
VGS=10V, ID=2.0A
1.00
1.25
Ω
FSFR2100
VGS=0V, IDiode=11.0A,
dIDiode/dt=100A/μs
120
FSFR2000
VGS=0V, IDiode=9.5A,
dIDiode/dt=100A/μs
125
FSFR1900
VGS=0V, IDiode=8.0A,
dIDiode/dt=100A/μs
140
FSFR1800
VGS=0V, IDiode=7.0A,
dIDiode/dt=100A/μs
160
trr
Body Diode Reverse
Recovery Time
(5)
FSFR1700
VGS=0V, IDiode=6.0A,
dIDiode/dt=100A/μs
160
ns
Supply Section
ILK
Offset Supply Leakage Current
H-VCC=VCTR=600V/500V
50
μA
IQHVCC
Quiescent HVCC Supply Current
(HVCCUV+) - 0.1V
50
120
μA
IQLVCC
Quiescent LVCC Supply Current
(LVCCUV+) - 0.1V
100
200
μA
fOSC=100KHz, VCON > 0.6V
6
9
mA
IOHVCC
Operating HVCC Supply Current
(RMS Value)
No switching, VCON < 0.4V
100
200
μA
fOSC=100KHz, VCON > 0.6V
7
11
mA
IOLVCC
Operating LVCC Supply Current
(RMS Value)
No switching, VCON < 0.4V
2
4
mA
UVLO Section
LVCCUV+
LVCC Supply Under-Voltage Positive Going Threshold (LVCC Start)
13.0
14.5
16.0
V
LVCCUV-
LVCC Supply Under-Voltage Negative Going Threshold (LVCC Stop)
10.2
11.3
12.4
V
LVCCUVH
LVCC Supply Under-Voltage Hysteresis
3.2
V
HVCCUV+
HVCC Supply Under-Voltage Positive Going Threshold (HVCC Start)
8.2
9.2
10.2
V
HVCCUV-
HVCC Supply Under-Voltage Negative Going Threshold (HVCC Stop)
7.8
8.7
9.6
V
HVCCUVH
HVCC Supply Under-Voltage Hysteresis
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com