Electronic Components Datasheet Search
  English  ▼

X  

FSFR2000 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FSFR2000
Description  Power Switch (FPS?? for Half-Bridge Resonant Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSFR2000 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FSFR2000 Datasheet HTML 3Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 4Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 5Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 6Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 7Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 8Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 9Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 10Page - Fairchild Semiconductor FSFR2000 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSFR series • 1.0.3
7
Electrical Characteristics (Continued)
TA=25°C unless otherwise specified.
Specifications
Unit
Symbol
Parameter
Test Conditions
Min
Typ
Max
Oscillator & Feedback Section
VCONDIS Control Pin Disable Threshold Voltage
0.36
0.40
0.44
V
VCONEN
Control Pin Enable Threshold Voltage
0.54
0.60
0.66
V
VRT
V-I Converter Threshold Voltage
1.5
2.0
2.5
V
fOSC
Output Oscillation Frequency
94
100
106
KHz
DC
Output Duty Cycle
RT=5.2KΩ
48
50
52
%
fSS
Internal Soft-Start Initial Frequency
fSS=fOSC+40kHz,
RT=5.2KΩ
140
KHz
tSS
Internal Soft-Start Time
2
3
4
ms
Protection Section
IOLP
OLP Delay Current
VCON=4V
3.6
4.8
6.0
μA
VOLP
OLP Protection Voltage
VCON > 3.5V
4.5
5.0
5.5
V
VOVP
LVCC Over-Voltage Protection
L-Vcc > 21V
21
23
25
V
VAOCP
AOCP Threshold Voltage
ΔV/Δt=-0.1V/µs
-1.0
-0.9
-0.8
V
tBAO
AOCP Blanking Time
(5)
VCS < VAOCP;
ΔV/Δt=-0.1V/µs
50
ns
VOCP
OCP Threshold Voltage
V/
Δt=-1V/µs
-0.64
-0.58
-0.52
V
tBO
OCP Blanking Time
(5)
VCS < VOCP;
ΔV/Δt=-1V/µs
1.0
1.5
2.0
μs
tDA
Delay Time (Low Side) Detecting from VAOCP
to Switch Off
(5)
ΔV/Δt=-1V/µs
250
400
ns
TSD
Thermal Shutdown Temperature
(5)
110
130
150
°C
ISU
Protection Latch Sustain LVCC Supply
Current
LVcc=7.5V
100
150
μA
VPRSET
Protection Latch Reset LVCC Supply Voltage
5
V
Dead-Time Control Section
DT
Dead Time
(6)
350
ns
Notes:
5.
This parameter, although guaranteed, is not tested in production.
6.
These parameters, although guaranteed, are tested only in EDS (wafer test) process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com