Electronic Components Datasheet Search
  English  ▼

X  

PM8834 Datasheet(PDF) 6 Page - STMicroelectronics

Part # PM8834
Description  4 A dual low side MOSFET driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8834 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PM8834 Datasheet HTML 2Page - STMicroelectronics PM8834 Datasheet HTML 3Page - STMicroelectronics PM8834 Datasheet HTML 4Page - STMicroelectronics PM8834 Datasheet HTML 5Page - STMicroelectronics PM8834 Datasheet HTML 6Page - STMicroelectronics PM8834 Datasheet HTML 7Page - STMicroelectronics PM8834 Datasheet HTML 8Page - STMicroelectronics PM8834 Datasheet HTML 9Page - STMicroelectronics PM8834 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical specifications
PM8834
6/18
3.2
Electrical characteristics
Table 5.
Electrical characteristics
(VCC = 5 V to 18 V, TJ = -40 °C to 105 °C unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current and power-on
ICC
VCC supply current
OUT_1, OUT_2 = OPEN
VCC = 10 V; TJ = 25 °C
4.5
mA
UVLOVCC
VCC turn-ON
VCC rising
4.4
4.6
V
VCC turn-OFF
VCC falling
3.6
3.8
V
Input threshold
PWM_x,
ENABLE_x
Input high - VIH
Rising threshold
2.2
2.5
V
Input low - VIL
Falling threshold
0.8
1.1
V
Drivers (OUT_1, OUT_2)
RDSON_H
Source resistance
VCC = 10 V; IOUT = 100 mA;
TJ = 25
°C
11.3
Ω
VCC = 10 V; IOUT100mA; full temp.
range
1.5
Ω
ISOURCE
Source current (1)
1.
Parameter guaranteed by designed, not fully tested in production
VCC = 10 V;
COUT to GND = 10 nF
4A
ISINK
Sink current (1)
VCC = 10 V;
COUT to GND = 10 nF
5A
RDSON_L
Sink resistance
VCC = 10 V;
IOUT = 100mA;TJ = 25 °C
0.7
1
Ω
VCC = 10 V; IOUT = 100 mA;
full temp. range
1.3
Ω
Switching time (PWM_1,PWM_2)
tR
Rise time
VCC = 10 V; COUT to GND = 2.5 nF
10
20
ns
VCC = 10 V; COUT to GND = 14 nF
45
75
ns
tF
Fall time
VCC = 10 V; COUT to GND = 2.5 nF
10
20
ns
VCC = 10 V; COUT to GND = 14 nF
35
75
ns
Propagation delay
tD_LH
Delay - low to high
COUT to GND = 2.5 nF
25
35
45
ns
tD_HL
Delay - high to low
COUT to GND = 2.5 nF
30
40
50
ns
Matching between
propagation delays
-5
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com