Electronic Components Datasheet Search
  English  ▼

X  

PM8834 Datasheet(PDF) 12 Page - STMicroelectronics

Part # PM8834
Description  4 A dual low side MOSFET driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8834 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PM8834 Datasheet HTML 8Page - STMicroelectronics PM8834 Datasheet HTML 9Page - STMicroelectronics PM8834 Datasheet HTML 10Page - STMicroelectronics PM8834 Datasheet HTML 11Page - STMicroelectronics PM8834 Datasheet HTML 12Page - STMicroelectronics PM8834 Datasheet HTML 13Page - STMicroelectronics PM8834 Datasheet HTML 14Page - STMicroelectronics PM8834 Datasheet HTML 15Page - STMicroelectronics PM8834 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Design guidelines
PM8834
12/18
Figure 6.
Equivalent circuit for MOSFET drive
5.3
Layout guidelines
The first priority when placing components for these applications has to be reserved to the
power section, minimizing the length of each connection and loop as much as possible. To
minimize noise and voltage spikes (also EMI and losses) power connections must be a part
of a power plane and anyway realized by wide and thick copper traces: loop must be anyway
minimized.
Traces between the driver and the MOSFETS should be short and wide to minimize the
inductance of the trace so minimizing ringing in the driving signals. Moreover, VIAs count
needs to be minimized to reduce the related parasitic effect.
Small signal components and connections to critical nodes of the application as well as
bypass capacitors for the device supply are also important. Locate the bypass capacitor
(VCC capacitors) close to the device with the shortest possible loop and use wide copper
traces to minimize parasitic inductance.
To improve heat dissipation, place copper area under the IC. This copper area may be
connected with other layers (if available) through VIAs to improve the thermal conductivity.
Figure 7.
Power dissipation estimation
(single channel) for
capacitive load of 10 nF with
no gate resistor
Figure 8.
Power dissipation estimation
(single channel) for
capacitive load of 10 nF with
4.7
Ω gate resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com