Electronic Components Datasheet Search
  English  ▼

X  

PM8834 Datasheet(PDF) 8 Page - STMicroelectronics

Part # PM8834
Description  4 A dual low side MOSFET driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8834 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PM8834 Datasheet HTML 4Page - STMicroelectronics PM8834 Datasheet HTML 5Page - STMicroelectronics PM8834 Datasheet HTML 6Page - STMicroelectronics PM8834 Datasheet HTML 7Page - STMicroelectronics PM8834 Datasheet HTML 8Page - STMicroelectronics PM8834 Datasheet HTML 9Page - STMicroelectronics PM8834 Datasheet HTML 10Page - STMicroelectronics PM8834 Datasheet HTML 11Page - STMicroelectronics PM8834 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Device description and operation
PM8834
8/18
Figure 3.
Timing diagram
4.1.2
Enable pins
PM8834 features two independent enable signals, namely ENABLE_1 and ENABLE_2, to
control the operation of each low side driver. Both enable pins are internally pulled up to an
internal 3.3 V reference and are active high.
In noisy application where ENABLE_1 and ENABLE_2 are not in use, It is strongly
recommended to connect these pins to VCC directly or with a pull-up resistor.
ENABLE_1 and ENABLE_2 are compatible to CMOS/TTL levels and can be directly pulled
up to VCC.
By default, because of the internal pull-up, both drivers are enabled. It is possible to disable
one or both low side drivers connecting the corresponding enable signal to GND.
4.2
Output stage
The output stage of the PM8834 make use of ST proprietary lateral DMOS as depicted in
Figure 1. Both N-DMOS and P-DMOS have been sized to exhibit high driving peak current
as well as low ON-resistance: typical peak current is 4 A while output resistances are 1
Ω
and 0.7
Ω for P-DMOS and N-DMOS resistance respectively.
The device features adaptive anti cross-conduction protection. PM8834 continuously
monitors the status of the internal N-DMOS and P-DMOS: in case of a PWM transition,
before switching on the desired DMOS, the device waits until the other DMOS is completely
turned-off. No static current will then flow from VCC to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com