Electronic Components Datasheet Search
  English  ▼

X  

PM8834 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM8834
Description  4 A dual low side MOSFET driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8834 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM8834 Datasheet HTML 7Page - STMicroelectronics PM8834 Datasheet HTML 8Page - STMicroelectronics PM8834 Datasheet HTML 9Page - STMicroelectronics PM8834 Datasheet HTML 10Page - STMicroelectronics PM8834 Datasheet HTML 11Page - STMicroelectronics PM8834 Datasheet HTML 12Page - STMicroelectronics PM8834 Datasheet HTML 13Page - STMicroelectronics PM8834 Datasheet HTML 14Page - STMicroelectronics PM8834 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
PM8834
Design guidelines
11/18
5.2
Power dissipation
PM8834 embeds two high current low side drivers that can be used to drive high capacitive
MOSFETs. This section estimates the power dissipated inside the device in normal
applications.
Two main terms contribute in the device power dissipation: bias power and drivers' power.
●
Bias power (PDC) depends on the static consumption of the device through the supply
pins and it is simply obtained as follow:
●
Drivers' power is the power needed by the driver to continuously switch ON and OFF
the external MOSFETs; it is a function of the switching frequency and total gate charge
of the selected MOSFETs. It can be quantified considering that the total power PSW
dissipated to switch the MOSFETs is dissipated by three main factors: external gate
resistance (when present), intrinsic MOSFET resistance and intrinsic driver resistance.
This last term has to be determined to calculate the device power dissipation.
The total power dissipated by each section to switch an external mosfets with gate
charge QG is:
When designing an application based on PM8834 it is recommended to take into
consideration the effect of external gate resistors on the power dissipated by the driver.
External gate resistors helps the device to dissipate the switching power since the same
power PSW will be shared between the internal driver impedance and the external resistor
resulting in a general cooling of the device.
Referring to Figure 6, classical mosfet driver can be represented by a push-pull output stage
with two different mosfets: P-DMOS to drive the external gate high and N-DMOS to drive the
external gate low (with their own RdsON: Rhi, Rlo). The external power mosfet can be
represented in this case as a capacitance (CG) that stores the gate-charge (QG) required by
the external power MOSFET to reach the driving voltage (VCC). This capacitance is charged
and discharged at the driver switching frequency FSW.
The total power Psw is dissipated among the resistive components distributed along the
driving path. According to the external gate resistance and the power-MOSFET intrinsic
gate resistance, the driver dissipates only a portion of Psw as follow (per section):
The total power dissipated from the driver can then be determined as follow:
P
DC
V
CC
I
CC
⋅
=
P
SW
F
SW
Q
G
V
CC
⋅
()
⋅
=
P
SW
1
2
--- C
G
V
CC
()
2
Fsw
R
hi
R
hi
R
Gate
R
i
++
------------------------------------------
R
lo
R
lo
R
Gate
R
i
++
------------------------------------------
+
⎝⎠
⎛⎞
⋅⋅
⋅
⋅
=
PP
DC
2P
⋅
SW
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com