Electronic Components Datasheet Search
  English  ▼

X  

PM8834 Datasheet(PDF) 7 Page - STMicroelectronics

Part # PM8834
Description  4 A dual low side MOSFET driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8834 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PM8834 Datasheet HTML 3Page - STMicroelectronics PM8834 Datasheet HTML 4Page - STMicroelectronics PM8834 Datasheet HTML 5Page - STMicroelectronics PM8834 Datasheet HTML 6Page - STMicroelectronics PM8834 Datasheet HTML 7Page - STMicroelectronics PM8834 Datasheet HTML 8Page - STMicroelectronics PM8834 Datasheet HTML 9Page - STMicroelectronics PM8834 Datasheet HTML 10Page - STMicroelectronics PM8834 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
PM8834
Device description and operation
7/18
4
Device description and operation
PM8834 is a dual low side driver suitable for charging and discharging large capacitive
loads like MOSFETs or IGBTs used in power supplies and DC/DC modules. PM8834 can
sink and source 4 A on both low side driver branch but higher driving current can be
obtained by paralleling its outputs.
Even though this device has been designed to cope with loads requiring high peak current
and fast switching time, the ultimate driving capability depends on the power dissipation in
the device which must be kept below the power dissipation capability of the package. This
aspect will be discussed in Section 5.2.
For enhanced control of operation PM8834 make provision of dual independent active high
enable pins (ENABLE_1 and ENABLE_2). Connecting those pin to GND pin, will disable the
corresponding low side driver.
PM8834 uses the VCC pin for supply and GND pin for return.
The dual low-side driver has been design to work with supply voltage in the range
of 5 to 18 V.
Before VCC overcome the UVLO threshold (UVLOVCC), PM8834 keeps firmly-OFF both low-
side MOSFETs then, after the UVLO has crossed, the PWM input keeps the control of the
driver operations provided that the corresponding enable pin is active. Both PWM_1 and
PWM_2 are internally pulled down so if left floating the corresponding output pins are
discharged.
Input pins (PWM_1, PWM_2, ENABLE_1 and ENABLE_2) are CMOS/TTL compatible with
capability to work also with voltages up to VCC.
4.1
Input stage
4.1.1
PWM inputs
The input of the PM8834 dual low side driver are compatible to CMOS/TTL levels with
capability to be pulled up to VCC.
The relation between the input pins (PWM_1, PWM_2) and the corresponding PWM output
is depicted in Figure 3. In the worst case, input levels above 2.5 V are recognized as high
voltage and value below 0.8 V are recognized as low logic value.
Propagation delays for high-low (tD_HL) and low-high (tD_LH) and rise (tR) and fall (tR) times
have been designed to ensure operation in fast switching environment.
Matching between delays in the two branches of the PM8834 ensure symmetry in the
operations and allows parallel output functionality.
Each PWM input feature 10
μA pulldown to default OFF the status of the external MOSFET
/ IGBT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com