Electronic Components Datasheet Search
  English  ▼

X  

33291L Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33291L
Description  Eight-Output Switch with Serial Peripheral Interface I/O
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33291L Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33291L Datasheet HTML 3Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 4Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 5Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 6Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 7Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 8Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 9Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 10Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33291L
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Output Clamp Voltage
2.0 mA < IOUT < 200 mA
VOK
45
53
65
V
Output Leakage Current (VDD < 2.0 V)
(20)
IOUT(LKG)
-25
0
25
μA
Overtemperature Shutdown (Outputs OFF) (21)
TLIM
155
180
–
°C
Overtemperature Shutdown Hysteresis (21)
TLIM(HYS)
–
10
20
°C
DIGITAL INTERFACE
Input Logic High Voltage (22)
VIH
0.7
–
1.0
VDD
Input Logic Low Voltage (22)
VIL
0
–
0.2
VDD
Input Logic Threshold Hysteresis (SCLK, RST, and SFPD) (23)
VI(HYS)
50
100
500
mV
SI Pull-Up Current (SI = 0 V)
ISI
0
10
20
μA
CS
Pull-Up Current (CS = 0 V)
ICS
0
10
20
μA
SCLK Pull-Down Current (SCLK = 5.0 V)
ISCLK
0
10
20
μA
RST
Pull-Down Current (RST = 5.0 V)
IRST
5.0
25
50
μA
SFPD Pull-Down Current (SFPD = 5.0 V)
ISFPD
5.0
10
25
μA
SO High-State Output Voltage (IOH = 1.0 mA)
VSOH
VDD - 0.4 V VDD - 0.2 V
–
V
SO Low-State Output Voltage (IOL = -1.6 mA)
VSOL
–
0.2
0.4
V
SO Tri-State Leakage Current (CS = 0.7 VDD, 0 V < VSO < VDD)
ISOT
-10
0
10
μA
Input Capacitance (0 V < VDD < 5.5 V)
(24)
CIN
–
–
12
pF
SO Tn-State Capacitance (0 V < VDD < 5.5 V)
(25)
CSOT
–
–
20
pF
Notes
20.
Output leakage current measured with the output OFF and at 16 V.
21.
This parameter is guaranteed by design, but it is not production tested.
22.
Upper and lower logic threshold voltage levels apply to SI, CS, SCLK, RST, and SFPD inputs.
23.
Hysteresis is characterized, but it is not production tested.
24.
Input capacitance of SI CS, SCLK, RST, and SFPD for 0 V < VDD < 5.5 V. This parameter is guaranteed by design, but it is not production
tested.
25.
Tri-state capacitance of SO for 0 V < VDD < 5.5 V. This parameter is guaranteed by design, but it is not production tested.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.5 V ≤ VDD ≤ 5.5 V, 9.0 V ≤ VPWR ≤ 16 V, -40°C ≤ TA ≤ 125°C, unless otherwise noted.
Typical values noted reflect the approximate value with VBAT = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com